전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPSD3422EB40U6T 데이터시트(PDF) 131 Page - STMicroelectronics

부품명 UPSD3422EB40U6T
상세설명  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T 데이터시트(HTML) 131 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 127Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 128Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 129Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 130Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 131Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 132Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 133Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 134Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 293 page
background image
uPSD34xx
I2C interface
131/293
Else If mode is Master-Receiver:
Bus Arbitration lost? (status.BLOST=1?)
If Yes, Arbitration was lost:
–
S1DAT = dummy, write to release bus
–
Exit ISR, SIOE will switch to Slave Recv mode
If No, Aribitration was not lost, continue:
Is this Interrupt from sending an address to Slave, or is it from
receiving a data byte from Slave?
If its from sending Slave address, goto A:
If its from receiving Slave data, goto B:
A:
(Interrupt is from Master sending addr to Slave)
ACK recvd from Slave? (status.ACK_RESP=0?)
If No, an ACK was not received:
–
S1CON.STO = 1, set STOP condition
<STOP occurs after ISR exit>
–
dummy = S1DAT, read to release bus
–
Exit ISR
If Yes, ACK was received, then continue:
–
dummy = S1DAT, read to release bus
Does Master want to receive just one data byte?
If Yes, do not allow Master to ACK on next interrupt:
<S1CON.AA is already 0>
–
Exit ISR, now ready to recv one byte from Slv
If No, Master can ACK next byte from Slv
–
S1CON.AA = 1, allow Master to send ACK
–
Exit ISR, now ready to recv data from Slave
B:
(Interrupt is from Master recving data from Slv)
–
recv_buf[buffer_index] = S1DAT, read byte
Is this the last data byte to receive from Slave?
If Yes, tell Slave to stop transmitting:
–
S1CON.STO = 1, set STOP bus condition
<STOP occurs after ISR exit>
–
Exit ISR, finished receiving data from Slave
If No, continue:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More