전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPSD3422EB40U6T 데이터시트(PDF) 133 Page - STMicroelectronics

부품명 UPSD3422EB40U6T
상세설명  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T 데이터시트(HTML) 133 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 129Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 130Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 131Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 132Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 133Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 134Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 135Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 136Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 293 page
background image
uPSD34xx
I2C interface
133/293
Does status.TX_MODE = 1?
If Yes, Master wants transmit mode
–
Exit ISR, indicate Master wants Slv-Xmit mode
If No, Master wants Slave-Recv mode
–
dummy = S1DAT, read to release bus
–
Exit ISR, ready to recv data on next interrupt
C:
(Interrupt is from Slv receiving data from Mastr)
–
recv_buf[buffer_index] = S1DAT, read byte
–
Exit ISR, recv next byte on next interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More