전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX3051ESA 데이터시트(PDF) 3 Page - AXElite technology co. ltd

부품명 AX3051ESA
상세설명  2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3051ESA 데이터시트(HTML) 3 Page - AXElite technology co. ltd

  AX3051ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Oct. 08, 2019
AX3051/A
BLOCK DIAGRAM
-
+
-
+
-
+
-
S
R
Q
Q
+
FB
1V
1.5V
INTERNAL
REGULATORS
IN
5V
IN
5V
BS
LX
GND
M1
0.15Ω
M2
5Ω
RAMP
CLK
CURRENT
SENSE
AMPLIFIER
CURRENT
COMPARATOR
SHUTDOWN
COMPARATOR
ERROR
AMPLIFIER
OSCILLATOR
100KHz/250KHz
7V
Zener
COMP
+
-
CURRENT
Limit
AMPLIFIER
SENSE1
SENSE2
OVP
PIN ASSIGNMENT
The package of AX3051/A is SOP-8L-EP; the pin assignment is given by:
( Top View )
1
3
4
8
7
6
5
BS
LX
SOP-8L-EP
SENSE1
GND
VIN
GND
FB
COMP
SENSE2
2
Name
Description
BS
Bootstrap Pin. This provides
power to the internal
high-side MOSFET gate
driver.
Connect a 0.1uF capacitor
from BS pin to LX pin.
LX
Power Switching Output to
External Inductor.
SENSE1
Current Sense input1
SENSE2
Current Sense input2
FB
Output voltage feedback
control
COMP
Error Amplifier Output. This
pin is used to compensate
the converter.
VIN
Power Supply Input. Bypass
this pin with a 0.1uF ceramic
capacitor to GND, placed as
close to the IC as possible.
GND
GND pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com