전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX3051ESA 데이터시트(PDF) 5 Page - AXElite technology co. ltd

부품명 AX3051ESA
상세설명  2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3051ESA 데이터시트(HTML) 5 Page - AXElite technology co. ltd

  AX3051ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3051ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Oct. 08, 2019
AX3051/A
ELECTRICAL CHARACTERISTICS
(VIN=12V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
Input Voltage
8
-
34
V
OVP detect voltage
VOVP Internal define
-
5.8
-
V
OVP Hysteresis
-
0.3
-
V
Quiescent Current
ICCQ VFB = 1.5V, force driver off.
-
2
-
mA
Standby Supply Current
V0 = 5V, No Load
-
10
15
mA
Line compensation Current
IFB
VSENSE1-VSENSE2=100mV
3.5
5
6.5
uA
Feedback Voltage(Bin2)
AX3051ES
0.99
1
1.01
V
Feedback Voltage(Bin2)
AX3051AES
0.98
1
1.02
V
Feedback Voltage(Bin3)
AX3051ES/AX3051AES
0.98
1
1.02
V
High-Side Switch On
Resistance
RDSON VIN=12V, IOUT = 1A
-
150 200 mΩ
Low-Side Switch On
Resistance
RDSON VIN=12V
-
5
-
Ω
Switching Frequency
FOSC AX3051; IOUT=200mA
80
100 120 KHz
AX3051A; IOUT=200mA
200 250 300 KHz
Maximum Duty Cycle
AX3051
90
93
-
%
AX3051A
87
90
-
%
Minimum On-Time
-
150
-
ns
Secondary Cycle-by-Cycle
Current Limit
Minimum Duty Cycle, no CC
-
3.5
-
A
Reference Voltage of the
Short Circuit Fold back
Comparator
VSCP
-
0.4 0.45
V
Sense Voltage (Bin2)
VSENSE VSENSE1-VSENSE2
95
100 105 mV
Sense Voltage (Bin3)
VSENSE VSENSE1-VSENSE2
85
100 115 mV
Thermal shutdown Temp
TSD
-
140
-
°C
Thermal Shutdown
Hysteresis
TSH
-
30
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com