전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX3702ACA 데이터시트(PDF) 8 Page - AXElite technology co. ltd

부품명 AX3702ACA
상세설명  1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702ACA 데이터시트(HTML) 8 Page - AXElite technology co. ltd

Back Button AX3702ACA Datasheet HTML 4Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 5Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 6Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 7Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 8Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 9Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 10Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 11Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 12Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
AX3702
Where is inductor Ripple Current. Large value inductors lower ripple current and small
value inductors result in high ripple currents. Choose inductor ripple current approximately
35% of the maximum load current.
Table 2 Inductor select for output voltage setting (VCC=5V)
VOUT
1.2V
1.5V
1.8V
2.5V
3.3V
Inductor
2.2uH
2.2uH
2.2uH
2.2uH
2.2uH
Note: Part type MH or M (www.we-online.com)
For output voltages above 2.0V, when light-load efficiency is important, the minimum
recommended inductor is 2.2µH. For optimum voltage-positioning load transients, choose
an inductor with DC series resistance in the 50mΩ to 150mΩ range. For higher efficiency at
heavy loads (above 200mA), or minimal load regulation (but some transient overshoot), the
resistance should be kept below 100mΩ. The DC current rating of the inductor should be at
least equal to the maximum load current plus half the ripple current to prevent core
saturation.
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching
noise from the device. The input capacitor impedance at the switching frequency shall be
less than input source impedance to prevent high frequency switching current passing to the
input. A low ESR input capacitor sized for maximum RMS current must be used. Ceramic
capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR
and small temperature coefficients. A 4.7µF ceramic capacitor for most applications is
sufficient.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to ensure
regulation loop stability. The output capacitor must have low impedance at the switching
frequency. Ceramic capacitors with X5R or X7R dielectrics are recommended due to their
low ESR and high ripple current.
Compensation Capacitor Selection
The compensation capacitors for increasing phase margin provide additional stability.
It is required and more than 22pF, Refer to Demo Board Schematic, The optimum values for
C3 (option) is 330pF.
8/22
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.4 Sep.30, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com