전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX3702ACA 데이터시트(PDF) 9 Page - AXElite technology co. ltd

부품명 AX3702ACA
상세설명  1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702ACA 데이터시트(HTML) 9 Page - AXElite technology co. ltd

Back Button AX3702ACA Datasheet HTML 5Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 6Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 7Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 8Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 9Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 10Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 11Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 12Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 13Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AX3702
PCB Layout Recommendations
When laying out the printed circuit board, the following checking should be used to
ensure proper operation of the AX3702. Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW trace and the VIN trace should be
kept short, direct and wide.
2. Does the (+) plates of CIN connect to VIN as closely as possible. This capacitor provides
the AC current to the internal power MOSFETs.
3. Keep the switching node SW away from the sensitive VOUT node.
4. Keep the (-) plates of CIN and COUT as close as possible.
AX3702
1
2
3
4
5
VIN
FB
EN GND SW
C1
R2
R1
C2
C3
L1
Net VIN
Net VIN
VIN
VOUT
GND
GND
AX3702
1
2
3
NC
PGND
VIN
PGND SW
C1
R2
R1
C2
C3
L1
VIN
VOUT
GND
GND
10
9
8
EN
4
5
FB
NC
SW SGND
7
6
AX3702
1
2
3
NC
PGND
VIN
SW
NC
C1
R2
R1
C2
C3
L1
VIN
VOUT
GND
GND
8
7
6
EN
4
SGND
FB
5
9/22
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.4 Sep.30, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com