전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX6613 데이터시트(PDF) 5 Page - AXElite technology co. ltd

부품명 AX6613
상세설명  1A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6613 데이터시트(HTML) 5 Page - AXElite technology co. ltd

  AX6613 Datasheet HTML 1Page - AXElite technology co. ltd AX6613 Datasheet HTML 2Page - AXElite technology co. ltd AX6613 Datasheet HTML 3Page - AXElite technology co. ltd AX6613 Datasheet HTML 4Page - AXElite technology co. ltd AX6613 Datasheet HTML 5Page - AXElite technology co. ltd AX6613 Datasheet HTML 6Page - AXElite technology co. ltd AX6613 Datasheet HTML 7Page - AXElite technology co. ltd AX6613 Datasheet HTML 8Page - AXElite technology co. ltd AX6613 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.11, 2019
AX6613
APPLICATION CIRCUIT
1.
Using an Output Capacitor with ESR≧20mΩ
C1
1uF
R1
1K
Vout=1.2V/1A
VIN=1.5V
R3
1K
VCNTL=5V
C4
220uF
C5
0.1u
AX6613
VCNTL
FB
VOUT
GND
NC
EN
POK
VIN
C2
100uF
C3
0.1uF
C6
12~48nF
R2
2K
OFF
ON
2.
Using an MLCC as the Output Capacitor
VIN=1.5V
R3
1K
Vout=1.2V/1A
VFB = 0.8V
AX6613
VCNTL
FB
VOUT
GND
NC
EN
POK
VIN
C6
56pF
C5
22u
C1
1uF
C3
22uF
VOUT=VFB*(1+R1/R2)
VCNTL=5V
R2
78K
R1
39K
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com