전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX6613 데이터시트(PDF) 7 Page - AXElite technology co. ltd

부품명 AX6613
상세설명  1A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6613 데이터시트(HTML) 7 Page - AXElite technology co. ltd

Back Button AX6613 Datasheet HTML 3Page - AXElite technology co. ltd AX6613 Datasheet HTML 4Page - AXElite technology co. ltd AX6613 Datasheet HTML 5Page - AXElite technology co. ltd AX6613 Datasheet HTML 6Page - AXElite technology co. ltd AX6613 Datasheet HTML 7Page - AXElite technology co. ltd AX6613 Datasheet HTML 8Page - AXElite technology co. ltd AX6613 Datasheet HTML 9Page - AXElite technology co. ltd AX6613 Datasheet HTML 10Page - AXElite technology co. ltd AX6613 Datasheet HTML 11Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.11, 2019
AX6613
VOUT
Output of the regulator. Please connect Pin 6 using wide tracks. It is necessary to
connect an output capacitor with this pin for closed-loop compensation and improving
transient responses.
FUNCTION DESCRIPTIONS
Power-On-Reset
A Power-On-Reset (POR) circuit monitors both input voltages at VCNTL and VIN pins
to prevent wrong logic controls. The POR function initiates a soft-start process after the
two supply voltages exceed their rising POR threshold voltages during powering on. The
POR function also pulls low the POK pin regardless the output voltage when the VCNTL
voltage falls below its falling POR threshold.
Internal Soft-Start
An internal soft-start function controls rise rate of the output voltage to limit the
current surge at start-up. The typical soft-start interval is about 2mS.
Output Voltage Regulation
An error amplifier working with a temperature compensated 0.8V reference and an
output NMOS regulates output to the preset voltage. The error amplifier designed with high
bandwidth and DC gain provides very fast transient response and less load regulation. It
compares the reference with the feedback voltage and amplifies the difference to drive the
output NMOS which provides load current from VIN to VOUT.
Current-Limit
The AX6613 monitors the current via the output NMOS and limits the maximum
current to prevent load and AX6613 from damages during overload or short circuit
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com