전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86CS25AFG 데이터시트(PDF) 61 Page - Toshiba Semiconductor

부품명 TMP86CS25AFG
상세설명  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG 데이터시트(HTML) 61 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 57Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 58Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 59Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 60Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 61Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 62Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 63Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 194 page
background image
Page 51
TMP86CS25AFG
Note 1: Do not access reserved areas by the program.
Note 2:
− ; Cannot be accessed.
Note 3: Write-only registers and interrupt latches cannot use the read-modify-write instructions (Bit manipulation instructions such
as SET, CLR, etc. and logical operation instructions such as AND, OR, etc.).
Note 4: This product has a LCD display data buffer (assigned to address 0F00H to 0F7FH). For detail, refer to the chapter of LCD
driver.
Address
Read
Write
0FC0H
MULSEL
0FC1H
Reserved
0FC2H
Reserved
0FC3H
Reserved
0FC4H
Reserved
0FC5H
Reserved
0FC6H
Reserved
0FC7H
Reserved
0FC8H
Reserved
0FC9H
Reserved
0FCAH
Reserved
0FCBH
Reserved
0FCCH
Reserved
0FCDH
Reserved
0FCEH
Reserved
0FCFH
Reserved
0FD0H
Reserved
0FD1H
Reserved
0FD2H
Reserved
0FD3H
Reserved
0FD4H
Reserved
0FD5H
Reserved
0FD6H
Reserved
0FD7H
Reserved
0FD8H
Reserved
0FD9H
Reserved
0FDAH
Reserved
0FDBH
Reserved
0FDCH
Reserved
0FDDH
Reserved
0FDEH
Reserved
0FDFH
Reserved
Address
Read
Write
0FE0H
Reserved
: :
: :
0FFFH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More