전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86CS44UG 데이터시트(PDF) 105 Page - Toshiba Semiconductor

부품명 TMP86CS44UG
상세설명  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG 데이터시트(HTML) 105 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 101Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 102Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 103Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 104Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 105Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 106Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 107Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 108Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 109Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 172 page
background image
Page 95
TMP86CS44UG
Note 1: In the programmable divider output mode, do not change the TTREGj setting while the timer is running.
Since TTREGj is not in the shift register configuration in the programmable divider output mode, the new
value programmed in TTREGj is in effect immediately after programming. Therefore, if TTREGi is changed
while the timer is running, an expected operation may not be obtained.
Note 2: When the timer is stopped during PDO output, the PDOj pin holds the output status when the timer is
stopped. To change the output status, program TCjCR<TFFj> after the timer is stopped. Do not change the
TCjCR<TFFj> setting upon stopping of the timer.
Example: Fixing the PDOj pin to the high level when the TimerCounter is stopped
CLR (TCjCR).3: Stops the timer.
CLR (TCjCR).7: Sets the PDOj pin to the high level.
Note 3: j = 3, 4
Example :Generating 1024 Hz pulse using TC4 (fc = 16.0 MHz)
Setting port
LD
(TTREG4), 3DH
: 1/1024
÷27/fc÷2 = 3DH
LD
(TC4CR), 00010001B
: Sets the operating clock to fc/27, and 8-bit PDO mode.
LD
(TC4CR), 00011001B
: Starts TC4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com