전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RN1221 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 RN1221
상세설명  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1221 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  RN1221 Datasheet HTML 1Page - Toshiba Semiconductor RN1221 Datasheet HTML 2Page - Toshiba Semiconductor RN1221 Datasheet HTML 3Page - Toshiba Semiconductor RN1221 Datasheet HTML 4Page - Toshiba Semiconductor RN1221 Datasheet HTML 5Page - Toshiba Semiconductor RN1221 Datasheet HTML 6Page - Toshiba Semiconductor RN1221 Datasheet HTML 7Page - Toshiba Semiconductor RN1221 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RN1221,RN1222,RN1223,RN1224,RN1225,RN1226,RN1227
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1221,RN1222,RN1223,RN1224
RN1225,RN1226,RN1227
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
High current type (IC(MAX) = 800mA)
With built-in bias resistors.
Simplify circuit design
Reduce a quantity of parts and manufacturing process
Low VCE (sat)
Complementary to RN2221~2227
Equivalent Circuit
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
RN1221~1227
VCEO
50
V
RN1221~1224
10
RN1225, 1226
5
Emitter-base voltage
RN1227
VEBO
6
V
Collector current
Ic
800
mA
Collector power dissipation
Pc
300
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN1221~1227
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
JEDEC
―
EIAJ
―
TOSHIBA
2-4E1A
Weight: 0.13g
Unit: mm
Type No.
R1 (kΩ)R2 (kΩ)
RN1221
1
1
RN1222
2.2
2.2
RN1223
4.7
4.7
RN1224
10
10
RN1225
0.47
10
RN1226
1
10
RN1227
2.2
10


유사한 부품 번호 - RN1221

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
RN1221 TOSHIBA-RN1221 Datasheet
310Kb / 8P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
More results

유사한 설명 - RN1221

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
07-Jun-2001
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com