전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RN1221 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 RN1221
상세설명  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1221 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  RN1221 Datasheet HTML 1Page - Toshiba Semiconductor RN1221 Datasheet HTML 2Page - Toshiba Semiconductor RN1221 Datasheet HTML 3Page - Toshiba Semiconductor RN1221 Datasheet HTML 4Page - Toshiba Semiconductor RN1221 Datasheet HTML 5Page - Toshiba Semiconductor RN1221 Datasheet HTML 6Page - Toshiba Semiconductor RN1221 Datasheet HTML 7Page - Toshiba Semiconductor RN1221 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN1221,RN1222,RN1223,RN1224,RN1225,RN1226,RN1227
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
―
VCB = 50V, IE = 0
―
―
100
Collector cut-off current
RN1221~1227
ICEO
―
VCE = 50V, IB = 0
―
―
500
nA
RN1221
―
3.85
―
7.14
RN1222
―
1.75
―
3.25
RN1223
―
0.82
―
1.52
RN1224
―
VEB = 10V, IC = 0
0.38
―
0.71
RN1225
―
0.365
―
0.682
RN1226
―
VEB = 5V, IC = 0
0.35
―
0.65
Emitter cut-off current
RN1227
IEBO
―
VEB = 6V, IC = 0
0.378
―
0.703
mA
RN1221
―
60
―
―
RN1222
―
65
―
―
RN1223
―
70
―
―
RN1224
―
90
―
―
RN1225
―
90
―
―
RN1226
―
90
―
―
DC current gain
RN1227
hFE
―
VCE = 5V, IC = 100mA
90
―
―
―
RN1221
IC = 50mA, IB = 2mA
Collector-emitter
saturation voltage
RN1222~1227
VCE (sat)
―
IC = 50mA, IB = 1mA
―
―
0.25
V
RN1221
―
1.0
―
3.5
RN1222
―
1.4
―
4.5
RN1223
―
2.0
―
6.5
RN1224
―
3.0
―
12.0
RN1225
―
0.6
―
2.0
RN1226
―
0.7
―
2.5
Input voltage (ON)
RN1227
VI (ON)
―
VCE = 0.2V, IC = 100mA
1.0
―
3.0
V
RN1221~1224
―
0.8
―
1.3
RM1225, 1226
―
0.4
―
0.8
Input voltage (OFF)
RN1227
VI (OFF)
―
VCE = 5V, IC = 0.1mA
0.5
―
1.0
V
Translation frequency
RN1221~1227
fT
―
VCE = 5V, IC = 20mA
―
300
―
MHz
Collector output
capacitance
RN1221~1227
Cob
―
VCB = 10V, IE = 0,
f = 1MHz
―
7
―
pF



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com