전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STR750FV1H6 데이터시트(PDF) 82 Page - STMicroelectronics

부품명 STR750FV1H6
상세설명  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV1H6 데이터시트(HTML) 82 Page - STMicroelectronics

Back Button STR750FV1H6 Datasheet HTML 76Page - STMicroelectronics STR750FV1H6 Datasheet HTML 77Page - STMicroelectronics STR750FV1H6 Datasheet HTML 78Page - STMicroelectronics STR750FV1H6 Datasheet HTML 79Page - STMicroelectronics STR750FV1H6 Datasheet HTML 80Page - STMicroelectronics STR750FV1H6 Datasheet HTML 81Page - STMicroelectronics STR750FV1H6 Datasheet HTML 82Page - STMicroelectronics STR750FV1H6 Datasheet HTML 83Page - STMicroelectronics STR750FV1H6 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
Order codes
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
82/84
STR755FV0T6
64
LQFP100 14x14
-
-
-40 to +85°C
STR755FV1T6
128
STR755FV2T6
256
STR755FV0H6
64
LFBGA100 10x10
STR755FV1H6
128
STR755FV2H6
256
Table 49.
Order codes (continued)
Partnumber
Flash Prog.
Memory
(Bank 0)
Kbytes
Package
CAN
Periph
USB
Periph
Nominal
Temp. Range
(TA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84