전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AIF25R48 데이터시트(PDF) 9 Page - Astec America, Inc

부품명 AIF25R48
상세설명  Isolated DC/DC Converter Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTEC [Astec America, Inc]
홈페이지  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF25R48 데이터시트(HTML) 9 Page - Astec America, Inc

Back Button AIF25R48_03 Datasheet HTML 5Page - Astec America, Inc AIF25R48_03 Datasheet HTML 6Page - Astec America, Inc AIF25R48_03 Datasheet HTML 7Page - Astec America, Inc AIF25R48_03 Datasheet HTML 8Page - Astec America, Inc AIF25R48_03 Datasheet HTML 9Page - Astec America, Inc AIF25R48_03 Datasheet HTML 10Page - Astec America, Inc AIF25R48_03 Datasheet HTML 11Page - Astec America, Inc AIF25R48_03 Datasheet HTML 12Page - Astec America, Inc AIF25R48_03 Datasheet HTML 13Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AIF25R48 Series Technical Reference Note
DATE: May 28, 2003
MODEL : AIF25R48 SERIES
S 9 / 29
Characteristic Curves
Performance Curve – Efficiency
55
65
75
85
95
0
5
10
15
20
25
Output Current(A)
Vin=36V
Vin=48V
Vin=75V
Typical Efficiency Curve
Performance Curves – Output Performance Curve
0
5
10
15
20
25
30
0
10
203040
Output Current(A)
Vin=36V
Vin=48V
Vin=75V
Output Performance Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com