전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AIF25R48 데이터시트(PDF) 5 Page - Astec America, Inc

부품명 AIF25R48
상세설명  Isolated DC/DC Converter Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTEC [Astec America, Inc]
홈페이지  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF25R48 데이터시트(HTML) 5 Page - Astec America, Inc

  AIF25R48_03 Datasheet HTML 1Page - Astec America, Inc AIF25R48_03 Datasheet HTML 2Page - Astec America, Inc AIF25R48_03 Datasheet HTML 3Page - Astec America, Inc AIF25R48_03 Datasheet HTML 4Page - Astec America, Inc AIF25R48_03 Datasheet HTML 5Page - Astec America, Inc AIF25R48_03 Datasheet HTML 6Page - Astec America, Inc AIF25R48_03 Datasheet HTML 7Page - Astec America, Inc AIF25R48_03 Datasheet HTML 8Page - Astec America, Inc AIF25R48_03 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AIF25R48 Series Technical Reference Note
DATE: May 28, 2003
MODEL : AIF25R48 SERIES
S 5 / 29
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the
device. These are absolute stress ratings only. Functional operation of the device in not
implied at these or any other conditions in excess of those given in the operational sections
of the IPS. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage:
Continuous:
Transient (100ms)
All
All
Vi
VI, trans
0
0
-
-
80
100
Vdc
Vdc
Highest voltage to CNT1
All
-
-
-
15
Vdc
Operating Ambient
Temperature
All
Ta
-20
55
ºC
Operating Case Temperature
(with a heatsink)
All
Tc
-
-
100
ºC
Storage Temperature
All
TSTG
-55
-
125
ºC
Operating Humidity
All
-
-
-
85
%
I/O Isolation
(Conditions : 50
µA for 5 sec,
slew rate of 1500V/10sec)
Input-Output
Input-Case
Output-Case
All
-
-
-
-
-
-
-
-
-
1500
1500
500
Vdc
Vdc
Vdc
Output Power
All
Po,max
-
-
700
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com