전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA8473F/FG 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TA8473F/FG
상세설명  FAN MOTOR DRIVER IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8473F/FG 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TA8473F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TA8473F/FG/FN/FNG
2006-3-2
1
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8473F/FG,TA8473FN/FNG
FAN MOTOR DRIVER IC
The TA8473F/FG and TA8473FN/FNG are fan motor driver ICs.
The output current is 0.4 A (AVE.) and all functions needed for
fan motor driving have been incorporated into 1 chip.
These are provided with the function to automatically change the
motor speed by detecting ambient temperature through the
externally mounted thermistor.
Furthermore, the TA8473F/FG and TA8473FN/FNG are provided
with the noise reduction terminal, the FG terminal to output
pulses proportional to the motor speed and the RD terminal to
detect the motor status.
FEATURES
Built−in automatic self rotation recovery circuit after release
of motor locking.
Thermal shutdown circuit incorporated.
Operating voltage : 6~13.8 V
2 kind of speed of full−speed and half−speed are variable
according to ambient temperature.
Speed change point temperature is externally settable.
TA8473F/FG
TA8473FN/FNG
Weight:
SSOP16-P-225-1.00A: 0.14g (Typ.)
SSOP16-P-225-0.65B: 0.07g (Typ.)
TA8473FG/FNG:
The TA8473FG/FNG is a Pb-free product.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*the number of times = once
*use of R-type flux


유사한 부품 번호 - TA8473F/FG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
FAN MOTOR DRIVER IC
More results

유사한 설명 - TA8473F/FG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
FAN MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F_06 Datasheet
306Kb / 10P
FAN MOTOR DRIVER IC
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
Hall IC Fan Motor Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
24V Fan Motor Driver IC
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
Monolithic Digital IC Fan Motor Driver
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
Monolithic Digital IC Fan Motor Driver
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
24V Fan Motor Driver IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com