전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA8473F/FG 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TA8473F/FG
상세설명  FAN MOTOR DRIVER IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8473F/FG 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TA8473F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA8473F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TA8473F/FG/FN/FNG
2006-3-2
3
HALF−SPEED SYSTEM
To
lower
the
motor
speed,
TA8473F/FG
and
TA8473FN/FNG set the off−time during the output timings
(Fig.1). Starting the multivibrator (MMV) enables the
off−time. The off−time is set by the time constant of
capacitor Ch connected to the HS terminal and IC internal
resistor Rh. A thermistor can also be used to control
off−time depending on the temperature.
(1) Determining Ch
The MMV operation can be monitored through the HS
terminal. About 100 kΩ Rh is connected between VCC
and HS, generating a transient with the external Ch.
The maximum peak level value is set to about 5 V and
the bottom level to about 1 V.
The off−time is determined as follows :
1
5
1
V
og
×
Ch·Rh
=
T
CC
-
-
l
For example, at Ch = 0.1 µF, Rh = 100 k
Ω, and VCC = 12
V, off−time is about 4.4 ms. Since Rh is an internal
resistor, a fluctuation of ±30% is permitted. The
temperature characteristic is 0.5% /
°C.
(2) Determining off−time
If approximately the same off−time (×1~1.3) is set for the
on timing when the motor is running at full speed, a number of rotations decreases to about half. As the
coefficient depends on the motor, determine the off−time value by experimenting.
The number of rotations can be set to any value. However, if the value is too low, the motor can be started
but not run stably.
(3) Detecting temperature and controlling rotations
TA8473F/FG and TA8473FN/FNG compare the TH terminal thermistor and the value of the resistor
externally connected to the Rref terminal, and alters the off−time. Changes in off−time can be made by
altering the peak operation level of MMV. That is, TA8473F/FG and TA8473FN/FNG internally apply a
reference current of 100 µA to the Rref terminal and generate at the TH terminal a reference voltage of 1 V
at Rref = 10 kΩ. The peak level of MMV is controlled using the difference between the current at the TH
terminal determined using the thermistor resistance, and another internal reference current.
Fig. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com