전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AV0830C900 데이터시트(PDF) 20 Page - APEM

부품명 AV0830C900
상세설명  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APEM [APEM]
홈페이지  www.apem.com
Logo APEM - APEM

AV0830C900 데이터시트(HTML) 20 Page - APEM

Back Button AV0830C900 Datasheet HTML 12Page - APEM AV0830C900 Datasheet HTML 13Page - APEM AV0830C900 Datasheet HTML 14Page - APEM AV0830C900 Datasheet HTML 15Page - APEM AV0830C900 Datasheet HTML 16Page - APEM AV0830C900 Datasheet HTML 17Page - APEM AV0830C900 Datasheet HTML 18Page - APEM AV0830C900 Datasheet HTML 19Page - APEM AV0830C900 Datasheet HTML 20Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
APEM
www.apem.com
B-107
AV series
Snap-action security pushbuttons with overmolded actuator
Options
B
New!
CODE
MATERIAL
0 (std)
Nickel plated brass
2
Chrome plated brass
4
Stainless steel
5
Gold plated brass
6
Chrome plated brass, satin
7
Chrome pl. brass, matt black
8
Varnished polished brass
9
Polished brass
K
Front panel sealing (IP65)
1
2
➀ internal gasket
➁ external gasket
BUSHING MATERIALS
CODE
COLOUR
1
Blue
2
Black
3
Green
4
Grey
5
Yellow
6
Red
7
White
8
Translucent
9
Orange
COLOUR OF OVERMOLDING
CODE
COLOUR
Blank
No LED
1
Blue
2
Red/green
3
Green
5
Yellow
6
Red
7
White
9
Amber
LED COLOURS
The ring and symbols are obtained by photochemical engraving of a stainless steel insert.
The insert is then overmolded in the desired colour.
The following actuator styles are available. For other types, consult factory.
ACTUATOR STYLES
SEALING
Blank
No sealing
After selecting basic model no.,
fill in last 5 boxes
with desired options.
CODE
001
002
003
004
005
DESCRIPTION
Illuminated
ring and disc
Illuminated
ring
Arrow
Loudspeaker
OFF
Double
arrow
RING
/SYMBOL
Series Bush./act.
config.
Illum.
or not
Contact
matl.
Term.
type
Bush.
material
Actuator
style
LED
colour
Seal.
AV
Over-
molding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com