전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AV0830C900 데이터시트(PDF) 4 Page - APEM

부품명 AV0830C900
상세설명  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APEM [APEM]
홈페이지  www.apem.com
Logo APEM - APEM

AV0830C900 데이터시트(HTML) 4 Page - APEM

  AV0830C900 Datasheet HTML 1Page - APEM AV0830C900 Datasheet HTML 2Page - APEM AV0830C900 Datasheet HTML 3Page - APEM AV0830C900 Datasheet HTML 4Page - APEM AV0830C900 Datasheet HTML 5Page - APEM AV0830C900 Datasheet HTML 6Page - APEM AV0830C900 Datasheet HTML 7Page - APEM AV0830C900 Datasheet HTML 8Page - APEM AV0830C900 Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
APEM
www.apem.com
B-91
AV series
Anti-vandal pushbutton switches
Bushing Ø 19 (.748) - momentary (NO)
B
NO
(function 3)
Short case - flat actuator - AV09100...40N
Hex nut 22 (.866) across flats
7.30
(.287)
2.00
(.078)
(.374)
9.50
6.50
(.255)
(.118)
3.00
ø19.00x1.00 SI
(.748DIAx1.00 IS)
3.00
(.118)
(.196)
5.00
EPOXY
2.80
(.110)
Screw terminals
AV091003C940N
Solder lug /
quick-connect term.
AV091003C240N
ORDER FORMAT
Series
Bush./act.
config.
Case
style
Function
Contact
material
Terminal
type
Bush./act.
material
Sealing
AV
09
19
9D
100
000
3
9
2
C
A
40
N
T
Long case - flat actuator - UL-CSA approved - AV09000...40N
Hex nut 22 (.866) across flats
6.50
(.255)
(.283)
7.20
(.456)
11.60
(.196)
5.00
2.00
(.078)
Ø19.00x1.00 SI
3.00
(.748DIAx1.00 IS)
(.118)
Screw terminals
AV090003A940N
Curved actuator
Screw terminals
AV19•003C940N
Solder lug / quick-connect terminals
AV19•003C240N
Flush model
Screw terminals
AV9D•003C940N
Solder lug / quick-connect terminals
AV9D•003C240N
OTHER CONFIGURATIONS
BASIC MODEL
(.590DIA)
(.866DIA)
Ø15.00
Ø22.00
(.866DIA)
Ø22.00
(.874DIA Min.)
(.755DIA)
Ø19.20
Ø22.20 Mini
To order a sealed product, replace N
with T at the end of P/N.
Case style
: replace • with 1 for short case and 0 for long case.
New!
Screw terminals for wires 1,5 mm2 max.
Screw terminals for wires 1,5 mm2 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com