| 전자부품 데이터시트 검색엔진 |
|
2/08R1 데이터시트(PDF) 3 Page - Pentair Equipment Protection - Hoffman |
|
|
|||||||||||||||||||||||||||||
2/08R1 데이터시트(HTML) 3 Page - Pentair Equipment Protection - Hoffman |
|
3 / 38 page ![]() TOC HOFFMAN PRODUCTS hoffmanproducts.com • 1-800-645-2014 3 1614 AWG Non-Insulated Ring Material: Tin Plated Copper with Brazed Seam Barrel ID(d1): .091 Maximum Electrical Current: 30 Amps Barrel OD (D): .161 Material Thickness (T): .031 Barrel Length (E): .189 DIMENSIONS (INCHES) TAPE DIE FOR HOFFMAN STUD STUD TONGUE STUD LENGTH MOUNTED TAPE HAND TOOL PART NO. SIZE DIAMETER WIDTH CLEARANCE UL REEL QTY MOUNTED d2 W F L 1614-3 4 .126 .260 .189 .504 Y 1000 3H1614 IZUMI 5N18 1614-S3 6 .146 .260 .189 .504 Y 1000 3H1614 IZUMI 5N18 1614-S3/J 6 .146 .252 .169 .484 Y 1000 3H1614 YHT2210 1614-M3 6 .146 .260 .248 .567 Y 1000 3H1614 IZUMI 5N18 1614-M4 8 .169 .260 .248 .567 Y 1000 3H1614 IZUMI 5N18 1614-4 8 .169 .335 .291 .650 Y 1000 3H1614 IZUMI 5N18 1614-M5 10 .209 .335 .291 .650 Y 1000 3H1614 IZUMI 5N18 1614-5 10 .209 .374 .291 .669 Y 1000 3H1614 IZUMI 5N18 161 4-M5/J 10 .209 .335 .307 .661 Y 1000 3H1614 YHT2210 1614-6 1/4 .252 .472 .433 .858 Y 1000 3H1614 IZUMI 5N18 1614-8 5/16 .331 .472 .433 .858 Y 1000 3H1614 IZUMI 5N18 1614-9 3/8 .413 .535 .547 1.004 Y 1000 3H1614 IZUMI 5N18 1614-9/J 3/8 .413 .535 .547 1.004 Y 1000 3H1614 YHT2210 1614-13 1/2 .512 .756 .630 1.197 Y 1000 3H1614 IZUMI 5N18 1210 AWG Non-Insulated Ring Material: Tin Plated Copper with Brazed Seam Barrel ID(d1): .134 Maximum Electrical Current: 50 Amps Barrel OD (D): .220 Material Thickness (T): .039 Barrel Length (E): .236 Barrel Length for J Type: .268 DIMENSIONS (INCHES) TAPE DIE FOR HOFFMAN STUD STUD TONGUE STUD LENGTH MOUNTED TAPE HAND TOOL PART NO. SIZE DIAMETER WIDTH CLEARANCE UL REEL QTY MOUNTED d2 W F L 1210-S3/J 4 .126 .283 .232 .618 Y 1000 3H1210 YHT2210 1210-S3 6 .146 .283 .240 .618 Y 1000 3H1210 IZUMI 5N18 1210-S4 8 .169 .283 .240 .618 Y 1000 3H1210 IZUMI 5N18 1210S4/J 8 .169 .283 .232 .618 Y 1000 3H1210 YHT2210 1210-4 8 .169 .374 .327 .748 Y 1000 3H1210 IZUMI 5N18 1210-4/J 8 .169 .374 .327 .780 Y 1000 3H1210 YHT2210 1210-5 10 .209 .374 .327 .748 Y 1000 3H1210 IZUMI 5N18 1210-6 1/4 .252 .472 .413 .886 Y 1000 3H1210 IZUMI 5N18 1210-6/J 1/4 .252 .472 .512 1.016 Y 1000 3H1210 YHT2210 1210-S6/J 1/4 .252 .520 .354 .882 Y 1000 3H1210 YHT2210 1210-S8/J 5/16 .331 .520 .354 .882 Y 1000 3H1210 YHT2210 1210-8 5/16 .331 .591 .524 1.063 Y 1000 3H1210 IZUMI 5N18 1210-9 3/8 .413 .591 .524 1.063 Y 1000 3H1210 IZUMI 5N18 1210-9/J 3/8 .413 .591 .524 1.102 Y 1000 3H1210 YHT2210 1210-13 1/2 .512 .756 .630 1.244 Y 1000 3H1210 IZUMI 5N18 1210-14 9/16 .291 1.260 .992 1.858 Y 1000 3H1210 IZUMI 5N18 RING TERMINALS BACK BACK |