전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2/08R1 데이터시트(PDF) 37 Page - Pentair Equipment Protection - Hoffman

부품명 2/08R1
상세설명  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
홈페이지  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/08R1 데이터시트(HTML) 37 Page - Pentair Equipment Protection - Hoffman

Back Button 2/08R1 Datasheet HTML 30Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 31Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 32Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 33Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 34Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 35Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 36Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 37Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 38Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
37
TUBULAR LUGS
Non-Plated Tubular Lugs
For Heavy Duty Applications: Trucks, Buses, Forklifts, Automotive, Industrial Equipment
Annealed Terminals for easy crimping
Seamless Barrels for Secure and Accurate Crimp
Made from High Quality Copper : 110 Cu ASTM B152
Lever tool for crimping tubular lugs #115
HOFFMAN
WIRE
STUD
DIMENSIONS (INCHES)
PART NO.
SIZE
SIZE
AWG
(INCH)
D1
D2
B
C1
C2
I
L
1700R2
8
10
0.19
0.21
0.44
0.24
0.38
0.98
1.22
1701R2
8
1/4
0.19
0.28
0.44
0.24
0.38
0.98
1.22
1702R2
8
5/16
0.19
0.34
0.44
0.24
0.38
0.98
1.22
1703R2
8
3/8
0.19
0.40
0.44
0.24
0.38
0.98
1.22
1704R2
8
1/2
0.19
0.52
0.44
0.24
0.38
0.98
1.22
1600R2
6
10
0.23
0.21
0.44
0.24
0.35
1.04
1.28
1601R2
6
1/4
0.23
0.28
0.44
0.24
0.35
1.04
1.28
1602R2
6
5/16
0.23
0.34
0.44
0.24
0.35
1.04
1.28
1603R2
6
3/8
0.23
0.40
0.44
0.24
0.35
1.04
1.28
1604R2
6
1/2
0.23
0.52
0.44
0.24
0.35
1.04
0.13
1590R2
4
10
0.29
0.21
0.53
0.28
0.43
1.22
1.50
1591R2
4
1/4
0.29
0.28
0.53
0.28
0.43
1.22
1.50
1592R2
4
5/16
0.29
0.34
0.53
0.28
0.43
1.22
1.50
1593R2
4
3/8
0.29
0.40
0.53
0.28
0.43
1.22
1.50
1594R2
4
1/2
0.29
0.52
0.53
0.28
0.43
1.22
1.50
1580R2
2
1/4
0.33
0.28
0.62
0.33
0.43
1.31
1.63
1581R2
2
5/16
0.33
0.34
0.62
0.33
0.43
1.31
1.63
1582R2
2
3/8
0.33
0.40
0.62
0.33
0.43
1.31
1.63
1583R2
2
1/2
0.33
0.52
0.62
0.33
0.43
1.31
1.63
1560R2
1
1/4
0.36
0.28
0.66
0.33
0.44
1.40
1.73
1561R2
1
5/16
0.36
0.34
0.66
0.33
0.44
1.40
1.73
1562R2
1
3/8
0.36
0.40
0.66
0.33
0.44
1.40
1.73
1563R2
1
1/2
0.36
0.52
0.66
0.33
0.44
1.40
1.73
1550R2
1/0
1/4
0.40
0.28
0.72
0.39
0.46
1.46
1.84
1551R2
1/0
5/16
0.40
0.34
0.72
0.39
0.46
1.46
1.84
1552R2
1/0
3/8
0.40
0.40
0.72
0.39
0.46
1.46
1.84
1553R2
1/0
1/2
0.40
0.52
0.72
0.39
0.46
1.46
1.84
1540R2
2/0
1/4
0.46
0.28
0.81
0.41
0.53
1.65
2.07
1541R2
2/0
5/16
0.46
0.34
0.81
0.41
0.53
1.65
2.07
1542R2
2/0
3/8
0.46
0.40
0.81
0.41
0.53
1.65
2.07
1543R2
2/0
1/2
0.46
0.52
0.81
0.41
0.53
1.65
2.07
1530R2
3/0
1/4
0.51
0.28
0.91
0.46
0.51
1.68
2.15
1531R2
3/0
5/16
0.51
0.34
0.91
0.46
0.51
1.68
2.15
1532R2
3/0
3/8
0.51
0.40
0.91
0.46
0.51
1.68
2.15
1533R2
3/0
1/2
0.51
0.52
0.91
0.46
0.51
1.68
2.15
1521R2
4/0
5/16
0.56
0.34
0.98
0.50
0.55
1.83
2.33
1522R2
4/0
3/8
0.56
0.40
0.98
0.50
0.55
1.83
2.33
1523R2
4/0
1/2
0.56
0.52
0.98
0.50
0.55
1.83
2.33
For tin plated add T to the part number, 1521TR2, for sight hole add S to the end of the part number, 1521R2S.
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38