| 전자부품 데이터시트 검색엔진 |
|
CPM3-3300-R050A 데이터시트(PDF) 2 Page - WOLFSPEED, INC. |
|
|
|||||||||||||||||||||||||||||
CPM3-3300-R050A 데이터시트(HTML) 2 Page - WOLFSPEED, INC. |
|
2 / 8 page ![]() CPM3-3300-R050A 2 Rev. 02, 09-2024 4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power © 2024 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc. PATENT: https://www.wolfspeed.com/legal/patents The information in this document is subject to change without notice. Electrical Characteristics (TVJ = 25 °C unless otherwise specified) Reverse Diode Characteristics (TVJ = 25 °C unless otherwise specified) Characteristics Symbol Min. Typ. Max. Unit Test Conditions Diode Forward Voltage VSD 4.9 V VGS = -5 V, ISD = 20 A 4.1 V VGS = -5 V, ISD = 20 A, TVJ = 175 C Reverse Recovery Time trr 126 ns VGS = -5 V, ISD = 40 A, VR = 1800 V; dif/dt = 700 A/μs, TVJ = 175 °C Reverse Recovery Charge Qrr 2970 nC Peak Reverse Recovery Current Irrm 47 A Characteristics Symbol Min. Typ. Max. Unit Test Conditions Drain-Source Breakdown Voltage V(BR)DSS 3300 V VGS = 0 V, IDS = 100 µA Gate Threshold Voltage VGS(th) 2.6 3.5 4.4 V VDS = VGS, IDS = 26.5 mA 2.6 V VDS = VGS, IDS = 26.5 mA, TVJ = 175 C Zero Gate Voltage Drain Current IDSS 5 30 μA VDS = 3300 V, VGS = 0 V Gate-Source Leakage Current IGSS 10 250 nA VGS = 15 V, VDS = 0 V Drain-Source On-State Resistance RDS(on) 53 69 mΩ VGS = 15 V, IDS = 40 A 136 VGS = 15 V, IDS = 40 A, TVJ = 175 C Transconductance gfs 26 S VDS = 20 V, IDS = 40 A 27 VDS = 20 V, IDS = 40 A, TVJ = 175 C Input Capacitance Ciss 7240 pF VGS = 0 V, VDS = 1800 V f = 100 kHz VAC = 25 mV Output Capacitance Coss 100 Reverse Transfer Capacitance Crss 6 Coss Stored Energy Eoss 210 µJ VDS = 1800 V, f = 100 kHz Internal Gate Resistance RG(int) 8.8 Ω f = 100 kHz, VAC = 25 mV Gate to Source Charge Qgs 131 nC VDS = 2000 V, VGS = -5 V/+15 V IDS = 50 A Gate to Drain Charge Qgd 19 Total Gate Charge Qg 255 |