| 전자부품 데이터시트 검색엔진 |
|
CPM3-3300-R050A 데이터시트(PDF) 6 Page - WOLFSPEED, INC. |
|
|
|||||||||||||||||||||||||||||
CPM3-3300-R050A 데이터시트(HTML) 6 Page - WOLFSPEED, INC. |
|
6 / 8 page ![]() CPM3-3300-R050A 6 Rev. 02, 09-2024 4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power © 2024 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc. PATENT: https://www.wolfspeed.com/legal/patents The information in this document is subject to change without notice. Product Dimensions CPM3-3300-R050A Die Dimensions (mm) Not Drawn to Scale Mechanical Dimensions CPM3-3300-R050A Parameter Typical Unit Die Size (L × W) 4.90 7.70 mm Exposed Source Pad Metal Dimensions 1.83 6.68 ( 2) mm Gate Pad Dimensions 0.6 1.3 mm Chip Thickness1 400 ± 40 µm Frontside (Source) Metallization (Al) 4 µm Frontside (Gate) Metallization (Al) 4 µm Backside (Drain) Metallization (Ni/Au) 0.8 / 0.1 µm 1 SiC wafer thickness |