| 전자부품 데이터시트 검색엔진 |
|
91103 데이터시트(PDF) 24 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
91103 데이터시트(HTML) 24 Page - Abbatron All Rights Reserved |
|
24 / 60 page ![]() Uninsulated Banana Plugs 22 Uninsulated banana plugs have nickel plated brass bodies with nickel plated beryllium copper springs. All plugs shown here feature a male threaded stud as indicated in table. Hardware is included (except with part 192). .563 .490 1.282 .140 1/2 425 Caged Spring Banana Plug • Body is precision machined from brass and nickel plated. Hardware included. • Caged springs are made from beryllium copper and are nickel plated. • Also available with gold plating (# 425AA). This caged spring banana plug features nine ‘leaves’ for greater contact during use. It is designed with a 6-32 threaded post for ease of assembly. A B C D E F AMPS THREAD LENGTH AC 192 A Mini. 2-56 17/64 5 460 4-40 462 401 103 1/2 102 3/8 432 1/2 145 E 1/4-32 11/32 100 F 6-32 29/32 6-32 3/8 10 15 B C Short D Standard STUD TYPE FIG. PART NO. 425 HH Smith |