| 전자부품 데이터시트 검색엔진 |
|
91103 데이터시트(PDF) 32 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
91103 데이터시트(HTML) 32 Page - Abbatron All Rights Reserved |
|
32 / 60 page ![]() STUD SIZE LENGTH O.D. WIDTH HOLE CNTR A L B C D E 1485-6 #6 1485-8 #8 1485-10 #10 1497 3/8 25/64 .016 7/8 7/32 5/64 1/2 1488-4 #4 1488-6 #6 1488-8 #8 5/16 3/16 3/32 5/16 1496 C 1/4 25/32 3/8 5/32 1/16 19/64 1410-4 #4 1410-6 #6 1410-8 #8 1410-10 #10 57/64 11/32 1410-14 1/4 7/16 3/16 1/2 1414-4 #4 1414-6 #6 1414-8 #8 1414-10 #10 53/64 11/32 1411-4 #4 1411-6 #6 1411-8 #8 1415-4 #4 1415-6 #6 1415-8 #8 1412-4 #4 1412-6 #6 1412-8 #8 1413-4 #4 1413-6 #6 1413-8 #8 1416-4 #4 1416-6 #6 1416-8 #8 1/16 5/16 1/4 41/64 .020 23/32 5/8 23/32 .018 5/16 G G1 9/16 3/16 13/16 .010 E1 F D1 5/16 A B D 9/16 .010 9/16 7/8 15/32 3/8 3/32 3/16 1/4 7/32 11/64 23/64 5/8 11/64 17/64 17/32 PART NO. ILLUS THKNS. E 47/64 5/16 5/32 5/32 1/16 Solder Lugs 30 E E1 F G G1 A B C D D1 HH Smith • Made of brass material. • Tin finish • Bent lugs have the same configuration as the flat lug shown in the adjacent drawing, with the bend details as shown. |