| 전자부품 데이터시트 검색엔진 |
|
ST10F272M 데이터시트(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F272M 데이터시트(HTML) 100 Page - STMicroelectronics |
|
100 / 175 page ![]() System reset ST10F272M 100/176 The start-up configurations and some system features are selected on reset sequences as described in Table 43 and Figure 35. Table 43 describes the system configuration latched on PORT0 in the six different reset modes. Figure 35 summarizes the state of bits of PORT0 latched in RP0H, SYSCON, BUSCON0 registers. Software Reset (2) x 0 N Synch. Not activated 0 0 0 1 0 x 0 N Synch. Not activated 0 0 0 1 0 0 1 Y Synch. Not activated 0 0 0 1 0 1 1 Y Synch. Activated by internal logic for 1024 TCL 0 0 0 1 0 Watchdog Reset (2) x 0 N Synch. Not activated 0 0 0 1 1 x 0 N Synch. Not activated 0 0 0 1 1 0 1 Y Synch. Not activated 0 0 0 1 1 1 1 Y Synch. Activated by internal logic for 1024 TCL 0 0 0 1 1 1. It can degenerate into a Long Hardware Reset and consequently differently flagged (see Section 20.3 for details). 2. When Bidirectional is active (and with RPD = 0), it can be followed by a Short Hardware Reset and consequently differently flagged (see Section 20.6 for details). Table 42. Reset event (continued) Event RSTIN WDTCON flags Min Max Table 43. PORT0 latched configuration for the different reset events X: Pin is sampled -: Pin is not sampled PORT0 Sample event Software Reset - - - XX XXX XX - - - - - - Watchdog Reset - - - XX XXX XX - - - - - - Synchronous Short Hardware Reset - - - X X X X X X X X X X X X X Synchronous Long Hardware Reset XXX XX XXX XX XXX XX X Asynchronous Hardware Reset XXX XX XXX XX XXX XX X Asynchronous Power-On Reset XXX XX XXX XX XXX XX X |