전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HC534M1R 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 M74HC534M1R
상세설명  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC534M1R 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button M74HC534M1R Datasheet HTML 3Page - STMicroelectronics M74HC534M1R Datasheet HTML 4Page - STMicroelectronics M74HC534M1R Datasheet HTML 5Page - STMicroelectronics M74HC534M1R Datasheet HTML 6Page - STMicroelectronics M74HC534M1R Datasheet HTML 7Page - STMicroelectronics M74HC534M1R Datasheet HTML 8Page - STMicroelectronics M74HC534M1R Datasheet HTML 9Page - STMicroelectronics M74HC534M1R Datasheet HTML 10Page - STMicroelectronics M74HC534M1R Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
M74HC534
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45° (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.300
L
0.50
1.27
0.020
0.050
M
0.75
0.029
S8° (max.)
SO-20 MECHANICAL DATA
PO13L



Html Pages

1 2 3 4 5 6 7 8 9 10 11