| 전자부품 데이터시트 검색엔진 |
|
M74HC534M1R 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HC534M1R 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() M74HC534 2/11 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE X: Don’t Care Z: High Impedance LOGIC DIAGRAM This logic diagram has not be used to estimate propagation delays PIN No SYMBOL NAME AND FUNCTION 1OE 3 State Output Enable Input (Active LOW) 2, 5, 6, 9, 12, 15, 16, 19 Q0 to Q7 3 State Outputs 3, 4, 7, 8, 13, 14, 17, 18 D0 to D7 Data Inputs 11 CLOCK Clock Input (LOW to HIGH, edge triggered) 10 GND Ground (0V) 20 VCC Positive Supply Voltage INPUTS OUTPUT OE CK D Q H XXZ L X NO CHANGE LL H LH L |