| 전자부품 데이터시트 검색엔진 |
|
IRGPC50FD2 데이터시트(PDF) 25 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGPC50FD2 데이터시트(HTML) 25 Page - International Rectifier |
|
25 / 35 page ![]() HIGH TEMPERATURE GATE BIAS (HTGB) Test circuit Conditions DUT Bias: Vge = As required Temperature: Tmax Duration: 2000 Hours nominal Test points: 168, 500, 1000, DC 1500, 2000 Hours nominal. BIAS D = Diode for CoPack devices only Purpose Failure Modes Sensitive Parameters ICES,VGE(th) The purpose of High Temperature Gate Bias is to stress the devices with the applied bias to the gate while at elevated junction temperature to accelerate time dependent dielectric breakdown of the gate structure. D The primary failure modes for long term gate stress is a rupture of the gate oxide, causing either a resistive short between gate-to-emitter or gate-to-collector or what appears to be a low breakdown diode between the gate and source. The oxide breakdown has been attributed to the degradation in time of existing defects in the thermally grown oxide. These defects can take form of localized thickness variations, structural anomalies or the presence of sub-micron particulate, within the oxide. As with HTRB, extreme care must be exercised in the course of a long term test to avoid potential hazards such as electrostatic discharge or electrical overstress to the gate during test. Failures arising from this abuse are virtually indistinguishable from true oxide breakdown which result from the actual stress test. IGBT / CoPack Quarterly Reliability Report Page 25 of 35 |