전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BME680 데이터시트(PDF) 19 Page - Bosch Sensortec GmbH

부품명 BME680
상세설명  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSCH [Bosch Sensortec GmbH]
홈페이지  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 데이터시트(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 15Page - Bosch Sensortec GmbH BME680 Datasheet HTML 16Page - Bosch Sensortec GmbH BME680 Datasheet HTML 17Page - Bosch Sensortec GmbH BME680 Datasheet HTML 18Page - Bosch Sensortec GmbH BME680 Datasheet HTML 19Page - Bosch Sensortec GmbH BME680 Datasheet HTML 20Page - Bosch Sensortec GmbH BME680 Datasheet HTML 21Page - Bosch Sensortec GmbH BME680 Datasheet HTML 22Page - Bosch Sensortec GmbH BME680 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
19 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
var1 = var1 >> 18;
var1 = ((32768 + var1) * (int32_t)par_p1) >> 15;
press_comp = 1048576 - press_raw;
press_comp = (uint32_t)((press_comp - (var2 >> 12)) * ((uint32_t)3125));
if (press_comp >= (1 << 30))
press_comp = ((press_comp / (uint32_t)var1) << 1);
else
press_comp = ((press_comp << 1) / (uint32_t)var1);
var1 = ((int32_t)par_p9 * (int32_t)(((press_comp >> 3) *
(press_comp >> 3)) >> 13)) >> 12;
var2 = ((int32_t)(press_comp >> 2) * (int32_t)par_p8) >> 13;
var3 = ((int32_t)(press_comp >> 8) * (int32_t)(press_comp >> 8) *
(int32_t)(press_comp >> 8) * (int32_t)par_p10) >> 17;
press_comp = (int32_t)(press_comp) +
((var1 + var2 + var3 + ((int32_t)par_p7 << 7)) >> 4);
where
•
par_p1, par_p2, …, par_p10 are calibration parameters,
•
press_adc is the raw pressure output data,
•
press_comp is the compensated pressure output data in Pascal.
Table 12: Variable names and register addresses for press_comp calculation
Variable name
Register address (LSB / MSB)
par_p1
0x8E / 0x8F
par_p2
0x90 / 0x91
par_p3
0x92
par_p4
0x94 / 0x95
par_p5
0x96 / 0x97
par_p6
0x99
par_p7
0x98
par_p8
0x9C / 0x9D
par_p9
0x9E / 0x9F
par_p10
0xA0
press_adc
0x21<7:4> / 0x20 / 0x1F
3.3.3 Humidity measurement
The humidity measurement can be enabled or skipped. When enabled, several oversampling options exist. The humidity
measurement is controlled by the osrs_h<2:0> setting, which is described in detail in Section 5.3.2.1. For the humidity
measurement, oversampling is possible to reduce noise. The resolution of the humidity measurement is fixed at 16 bit ADC
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53