전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BME680 데이터시트(PDF) 34 Page - Bosch Sensortec GmbH

부품명 BME680
상세설명  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSCH [Bosch Sensortec GmbH]
홈페이지  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 데이터시트(HTML) 34 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 30Page - Bosch Sensortec GmbH BME680 Datasheet HTML 31Page - Bosch Sensortec GmbH BME680 Datasheet HTML 32Page - Bosch Sensortec GmbH BME680 Datasheet HTML 33Page - Bosch Sensortec GmbH BME680 Datasheet HTML 34Page - Bosch Sensortec GmbH BME680 Datasheet HTML 35Page - Bosch Sensortec GmbH BME680 Datasheet HTML 36Page - Bosch Sensortec GmbH BME680 Datasheet HTML 37Page - Bosch Sensortec GmbH BME680 Datasheet HTML 38Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
34 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
5.3.3.5 Heater profile selection - nb_conv
nb_conv is used to select heater set-points of the sensor. The different heater set-points are described in the sections above.
Register Name
Address
Content<bit position>
Description
ctrl_gas_1
0x71
nb_conv<3:0>
Indicates index of heater set point that will be
used in forced mode as describe in below table
nb_conv<3:0>
Heater profile set-point
0000
0
0001
1
0010
2
0011
3
0100
4
0101
5
0110
6
0111
7
1000
8
1001
9
5.3.3.6 Run Gas - run_gas
Register Name
Address
Content<bit position>
Description
ctrl_gas_1
0x71
run_gas<4>
The gas conversions are started only in
appropriate mode if run_gas = ‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53