전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADE9178GTL+ 데이터시트(PDF) 27 Page - Analog Devices

부품명 ADE9178GTL+
상세설명  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ 데이터시트(HTML) 27 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 23Page - Analog Devices ADE9178GTL+ Datasheet HTML 24Page - Analog Devices ADE9178GTL+ Datasheet HTML 25Page - Analog Devices ADE9178GTL+ Datasheet HTML 26Page - Analog Devices ADE9178GTL+ Datasheet HTML 27Page - Analog Devices ADE9178GTL+ Datasheet HTML 28Page - Analog Devices ADE9178GTL+ Datasheet HTML 29Page - Analog Devices ADE9178GTL+ Datasheet HTML 30Page - Analog Devices ADE9178GTL+ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 27 of 122
Table 11. Status Code Description
Error Code
Failure Reason
Relevant Commands
Command Purpose
ERROR_STATUS Bit
Solution
0x1
Register address not present.
Read/Write ADE9178 Register
N/A1
For more details on the
register, see the Register
Summary: ADE9178 section.
Use macros in ade9178.h for
address.
0x2
Invalid device.
Read/Write ADE9178/ADC Register
N/A1
Verify that the device field is
correct.
0x3
Write to more than one
register at a time is not
supported.
Write ADE9178 Register
N/A1
Make NUM_REGISTERS = 1
for write command.
0x4
Register is a read only
register. Note that this error is
applicable only when device
field is ADE9178. Read only
check is not done for ADC
devices.
Write ADE9178 Register
N/A1
For more details on the
registers read/write access,
see the Register Summary:
ADE9178 section.
0x5
Provided BAUD_RATE field
of WFS_CONFIG register is
not sufficient to stream all
channels that are enabled in
WFS_CONFIG.
Write ADE9178 Register
N/A1
Update BAUD_RATE. For
more details on minimum
baud rate, see the Waveform
Streaming section.
0x6
Configuration Lock is
enabled.
Write ADE9178 Register
N/A1
Unlock configuration registers
by writing 0 to CONFIG_LOCK
register.
0x7
Slots configured in the
ADC_REDIRECTx register is
not supported.
ADC_REDIRECTx
ADC Datapath Redirection
N/A1
Verify that the value written to
the register is correct.
0x8
Command failed to execute.
ADC_CONTROL = 0x2
Initialize ADC
ADC_INIT_ERROR
Retry the command.
Read/Write ADC Register
N/A1
If ADE9178 is reset
while ADC_RUN = 1,
then subsequent ADC read/
writes may return the
COMMAND_FAILED code
even though the ADC read/
write is successful. It is
recommended to reinitialize
the ADCs after ADE9178
reset.
Number of ADCs configured
is incorrect.
ADC_CONFIG
Configure number of ADCs
N/A1
Check if the number of ADCs
being configured is between 1
and 4.
0x9
ADCs are not initialized.
ADC_CONTROL = 0x1
Start ADC data capture
N/A1
Verify that ADC initialization
is done by writing 2 to
ADC_CONTROL.
ADC_CONTROL = 0x5
Synchronize ADC
N/A1
Verify that ADC initialization
is done by writing 2 to
ADC_CONTROL.
0xA
Issue in SPI communication
between Host MCU and
ADE9178.
Read/Write ADE9178 Register
N/A1
Check CRC header values.
Reset ADE9178 if error
persists.
0xB
Synchronization already in
progress and has not yet
complete.
ADC_CONTROL = 0x5
Synchronize ADCs
N/A1
Synchronization is already
issued. Wait for it to complete.
Read/Write ADC Register
N/A1
Synchronization is already
issued. Wait for it to complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com