전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADE9178GTL+ 데이터시트(PDF) 93 Page - Analog Devices

부품명 ADE9178GTL+
상세설명  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ 데이터시트(HTML) 93 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 89Page - Analog Devices ADE9178GTL+ Datasheet HTML 90Page - Analog Devices ADE9178GTL+ Datasheet HTML 91Page - Analog Devices ADE9178GTL+ Datasheet HTML 92Page - Analog Devices ADE9178GTL+ Datasheet HTML 93Page - Analog Devices ADE9178GTL+ Datasheet HTML 94Page - Analog Devices ADE9178GTL+ Datasheet HTML 95Page - Analog Devices ADE9178GTL+ Datasheet HTML 96Page - Analog Devices ADE9178GTL+ Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 93 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
timeout on phase B. This
means that a zero crossing on
the phase B voltage is missing.
16
ZXTOAV
Phase A Voltage Zero-Crossing
Timeout. This bit is set
to indicate a zero-crossing
timeout on phase A. This
means that a zero crossing on
the Phase A voltage is missing.
0x0
R/W1C
15
SEQERR
Phase Sequence Error
Occurred on Voltage Zero
Crossings. This bit is set if
zero crossings on three voltage
phases does not follow phase
A − phase B − phase C
sequence.
0x0
R/W1C
14
RSTDONE
Reset Completed and Ready
for SPI Communication. This
bit is set to indicate that reset
is complete and board is ready
for SPI communication.
0x0
R/W1C
13
CRC_CHG
CRC Changed. This bit is
set if any of the registers
monitored by the configuration
register CRC change value.
The CRC_RSLT register holds
the new configuration register
CRC value.
0x0
R/W1C
12
VANLOAD
Total Apparent Energy No Load
Condition Changed. This bit is
set when one or more phase of
total apparent energy enters or
exits the no load condition.
0x0
R/W1C
11
WATTNLOAD
Total Active Energy No Load
Condition Changed. This bit is
set when one or more phase
of total active energy enters or
exits the no load condition.
0x0
R/W1C
10
ISUMMISMTCH
ISUM RMS Mismatch. This bit
is set to indicate a change
in the relationship between
ISUMRMS and ISUMLVL.
0x0
R/W1C
9
PF_RDY
Power Factor Data Ready.
This bit is set to indicate that
power factor measurements
are updated, every 1 sec.
0x0
R/W1C
8
RMSONERDY
One-Cycle RMS Data Ready.
This bit is set when the one-
cycle RMS values are updated.
0x0
R/W1C
7
CF2
CF2 Pulse Issued. This bit
is set when a CF2 pulse is
issued, when the CF2 pin goes
from a high to low state.
0x0
R/W1C
6
CF1
CF1 Pulse Issued. This bit
is set when a CF1 pulse is
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com