전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G474CB 데이터시트(PDF) 119 Page - STMicroelectronics

부품명 STM32G474CB
상세설명  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CB 데이터시트(HTML) 119 Page - STMicroelectronics

Back Button STM32G474CB Datasheet HTML 115Page - STMicroelectronics STM32G474CB Datasheet HTML 116Page - STMicroelectronics STM32G474CB Datasheet HTML 117Page - STMicroelectronics STM32G474CB Datasheet HTML 118Page - STMicroelectronics STM32G474CB Datasheet HTML 119Page - STMicroelectronics STM32G474CB Datasheet HTML 120Page - STMicroelectronics STM32G474CB Datasheet HTML 121Page - STMicroelectronics STM32G474CB Datasheet HTML 122Page - STMicroelectronics STM32G474CB Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 232 page
background image
DS12288 Rev 1
119/232
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
Independent
clock domain
ADC1/ADC2
independent clock
domain
0.72
0.67
0.53
0.63
µA/MHz
ADC3/ADC4/
ADC5
independent clock
domain
0.67
0.62
0.50
0.22
FDCAN1/
FDCAN2/
FDCAN3
independent clock
domain
11.62
10.84
8.95
10.24
I2C1
independent clock
domain
4.03
3.76
3.12
4.15
I2C2
independent clock
domain
3.78
3.52
2.93
3.23
I2C3
independent clock
domain
2.72
2.55
2.11
2.65
I2C4
independent clock
domain
3.95
3.67
3.04
2.81
I2S2
independent clock
domain
1.49
1.40
1.15
1.63
I2S3
independent clock
domain
1.52
1.43
1.16
2.15
LPTIM1
independent clock
domain
4.00
3.71
3.08
3.57
LPUART1
independent clock
domain
4.43
4.13
3.45
4.02
QUADSPI
independent clock
domain
0.54
0.51
0.44
0.75
RNG
independent clock
domain
0.83
0.87
NA
NA
USB
independent clock
domain
1.10
1.17
NA
NA
SAI1
independent clock
domain
3.36
3.14
2.58
3.25
UART4
independent clock
domain
6.60
6.17
5.14
6.02
UART5
independent clock
domain
6.60
6.16
5.12
6.12
USART1
independent clock
domain
7.62
7.12
5.89
6.90
USART2
independent clock
domain
7.37
6.86
5.70
6.72
USART3
independent clock
domain
7.98
7.44
6.17
8.21
Table 38. Peripheral current consumption (continued)
Bus
Peripheral
Range 1
Boost
mode
Range 1
Normal
mode
Range 2
Low-power
run and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More