| 전자부품 데이터시트 검색엔진 |
|
DSP56720 데이터시트(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56720 데이터시트(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 54 page ![]() SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1 Freescale Semiconductor 4 1 Pin Assignments DSP56720 devices are available in one package type; DSP56721 devices are available in two package types. For the pin assignments of a specific device in a specific package, please see sections 1.2–1.1. For more detailed information about signals, refer to the DSP56720/DSP56721 Reference Manual (DSP56720RM). 1.1 Pinout for DSP56720 144-Pin Plastic LQFP Package For the pinout of the DSP56720 144-pin plastic LQFP package, see Figure 3. Table 1. Pin Assignments by Package Device Package See DSP56720 144-pin plastic LQFP Figure 3 on page 5 DSP56721 80-pin plastic LQFP Figure 4 on page 6 144-pin plastic LQFP Figure 5 on page 7 |