전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0801554 데이터시트(PDF) 1 Page - PHOENIX CONTACT

부품명 0801554
상세설명  UCT-EM (10X5) CUS - Snap-in markers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801554 데이터시트(HTML) 1 Page - PHOENIX CONTACT

  0801554 Datasheet HTML 1Page - PHOENIX CONTACT 0801554 Datasheet HTML 2Page - PHOENIX CONTACT 0801554 Datasheet HTML 3Page - PHOENIX CONTACT 0801554 Datasheet HTML 4Page - PHOENIX CONTACT 0801554 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
UniCard sheet, for labeling devices from other manufacturers, for overview table see download
area, labeled according to customer specifications
Commercial data
Item number
0801554
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8148
GTIN
4046356682978
Weight per piece (including packing)
11.36 g
Weight per piece (excluding packing)
11.36 g
Country of origin
PL
UCT-EM (10X5) CUS - Snap-in markers
0801554
https://www.phoenixcontact.com/us/products/0801554
Jun 17, 2025, 7:32AM
Page 1 (5)


유사한 부품 번호 - 0801554

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
0801550 PHOENIX-0801550 Datasheet
195Kb / 6P
UCT-WMT (23X4) OG CUS - Conductor marker
0801551 PHOENIX-0801551 Datasheet
193Kb / 6P
UCT-WMT (23X4) GN CUS - Conductor marker
0801552 PHOENIX-0801552 Datasheet
182Kb / 4P
UCT-WMT (23X4) VT CUS - Conductor marker
0801553 PHOENIX-0801553 Datasheet
196Kb / 6P
UCT-WMT (23X4) BU CUS - Conductor marker
0801556 PHOENIX-0801556 Datasheet
182Kb / 5P
UCT-EM (20X9) CUS - Equipment marking
More results

유사한 설명 - 0801554

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
0825427 PHOENIX-0825427 Datasheet
53Kb / 2P
Snap-in markers - UC-EMP (27X8)
0825500 PHOENIX-0825500 Datasheet
53Kb / 3P
Snap-in markers - UC-EM (20X7) TQ
0825503 PHOENIX-0825503 Datasheet
50Kb / 2P
Snap-in markers - UC-EM (20X9)
0830765 PHOENIX-0830765 Datasheet
53Kb / 2P
Snap-in markers - UCT-EM (7X10)
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
0801489 PHOENIX-0801489 Datasheet
64Kb / 4P
Snap-in markers - UCT-EM (21X8)
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014118 PHOENIX-1014118 Datasheet
58Kb / 3P
Snap-in markers - UCT-EMP (29X8)
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com