전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC32MX 데이터시트(PDF) 16 Page - Microchip Technology

부품명 PIC32MX
상세설명  64/100-Pin General Purpose,32-Bit Flash Microcontrollers
PDF  544 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX 데이터시트(HTML) 16 Page - Microchip Technology

Back Button PIC32MX Datasheet HTML 12Page - Microchip Technology PIC32MX Datasheet HTML 13Page - Microchip Technology PIC32MX Datasheet HTML 14Page - Microchip Technology PIC32MX Datasheet HTML 15Page - Microchip Technology PIC32MX Datasheet HTML 16Page - Microchip Technology PIC32MX Datasheet HTML 17Page - Microchip Technology PIC32MX Datasheet HTML 18Page - Microchip Technology PIC32MX Datasheet HTML 19Page - Microchip Technology PIC32MX Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 544 page
background image
PIC32MX Starter Kit User’s Guide
DS61144D-page 12
© 2009 Microchip Technology Inc.
2.4
INSTALLING THE STARTER KIT BOARD
As a USB device, the starter kit board requires very little effort to install; most of the
work is done by the operating system. Begin by closing all applications.
2.4.1
Install the Tools and Projects
1. Insert the PIC32 Starter Kit CD into your CD-ROM drive and click the install from
CD menu option. If the installation application does not automatically start,
navigate to the files on the CD and open setup.exe.
The following window is displayed:
FIGURE 2-1:
INSTALLING THE PIC32 STARTER KIT BOARD
2. Reboot your system when prompted to do so.
Note: The dialog also provides an option to check the Microchip web site for
newer versions of the starter kit software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More