전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC32MX 데이터시트(PDF) 17 Page - Microchip Technology

부품명 PIC32MX
상세설명  64/100-Pin General Purpose,32-Bit Flash Microcontrollers
PDF  544 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX 데이터시트(HTML) 17 Page - Microchip Technology

Back Button PIC32MX Datasheet HTML 13Page - Microchip Technology PIC32MX Datasheet HTML 14Page - Microchip Technology PIC32MX Datasheet HTML 15Page - Microchip Technology PIC32MX Datasheet HTML 16Page - Microchip Technology PIC32MX Datasheet HTML 17Page - Microchip Technology PIC32MX Datasheet HTML 18Page - Microchip Technology PIC32MX Datasheet HTML 19Page - Microchip Technology PIC32MX Datasheet HTML 20Page - Microchip Technology PIC32MX Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 544 page
background image
PIC32MX Starter Kit Tutorial
© 2009 Microchip Technology Inc.
DS61144D-page 13
2.4.2
View the Getting Started Tutorial
Perform the following steps to view the tutorial:
1. After your computer has rebooted, the Getting Started Tutorial menu opens.
2. View the tutorial instructions for connecting to the starter kit board and running
the tutorial project.
If you performed the installation steps as you followed along in the Getting Started
tutorial, skip to Section 2.5 “Starting the Tutorial Project” on page 16.
If you did not, continue to the next page for instructions about how to connect the board
and install the device driver.
2.4.3
Connect the Starter Kit Board
Using the supplied USB cable, connect the board to an open USB port on your com-
puter. (A USB hub that is not bus-powered can also be used.) Connect the other end
of the cable into the USB connector on the starter kit board.
Check the board: the green power LED D3 should be lit. If it is not, check the
connections at the port, hub, and board.
2.4.4
Install the USB Device Driver
Perform the following steps to install the USB device driver:
1. When the USB cable is connected, the “Found New Hardware Wizard” dialog
box opens, as shown in Figure 2-2. When asked whether to install the software
automatically or install from a list or specific location, select “Install software
automatically” and click Next.
FIGURE 2-2:
FOUND NEW HARDWARE WIZARD
Note: The USB driver installation steps described here refer specifically to
installing the driver on a Microsoft Windows XP operating system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More