전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC14DC080 데이터시트(PDF) 12 Page - Texas Instruments

부품명 ADC14DC080
상세설명  ADC14DC080 Dual 14-Bit, 80 MSPS A/D Converter with CMOS Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14DC080 데이터시트(HTML) 12 Page - Texas Instruments

Back Button ADC14DC080 Datasheet HTML 8Page - Texas Instruments ADC14DC080 Datasheet HTML 9Page - Texas Instruments ADC14DC080 Datasheet HTML 10Page - Texas Instruments ADC14DC080 Datasheet HTML 11Page - Texas Instruments ADC14DC080 Datasheet HTML 12Page - Texas Instruments ADC14DC080 Datasheet HTML 13Page - Texas Instruments ADC14DC080 Datasheet HTML 14Page - Texas Instruments ADC14DC080 Datasheet HTML 15Page - Texas Instruments ADC14DC080 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
ADC14DC080
SNAS463B – SEPTEMBER 2008 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics DNL, INL
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.3V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 105 MHz, 50% Duty Cycle, DCS disabled, VCM = VCMO, TA = 25°C.
DNL
INL
Figure 3.
Figure 4.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC14DC080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com