전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCBC2425CF 데이터시트(PDF) 3 Page - Sensata Technologies, Inc.

부품명 MCBC2425CF
상세설명  PROPORTIONAL CONTROL SOLID STATE RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSATA [Sensata Technologies, Inc.]
홈페이지  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MCBC2425CF 데이터시트(HTML) 3 Page - Sensata Technologies, Inc.

  MCBC2425CF Datasheet HTML 1Page - Sensata Technologies, Inc. MCBC2425CF Datasheet HTML 2Page - Sensata Technologies, Inc. MCBC2425CF Datasheet HTML 3Page - Sensata Technologies, Inc. MCBC2425CF Datasheet HTML 4Page - Sensata Technologies, Inc. MCBC2425CF Datasheet HTML 5Page - Sensata Technologies, Inc. MCBC2425CF Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
MECHANICAL SPECIFICATIONS
THERMAL DERATE INFORMATION
General
Dielectric Strength, Input/Output/Base
(50/60 Hz)
4000 VRMS
Minimum Insulation Resistance (@ 500
VDC)
109 Ohms
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-20 to 80°C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3.0 oz (86.5g)
Encapsulation
Thermally conductive Epoxy
Terminals-Power
Screws and Saddle Clamps Furnished, Unmounted
Terminals-Control
Barrier Strip Screw Terminals
Max. Terminal (Power) Screw Torque
20 lb-in (8-32 screws, dry without grease)
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in inches [millimeters]



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com