전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCBC2425CF 데이터시트(PDF) 2 Page - Sensata Technologies, Inc.

부품명 MCBC2425CF
상세설명  PROPORTIONAL CONTROL SOLID STATE RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSATA [Sensata Technologies, Inc.]
홈페이지  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MCBC2425CF 데이터시트(HTML) 2 Page - Sensata Technologies, Inc.

  MCBC2425CF Datasheet HTML 1Page - Sensata Technologies, Inc. MCBC2425CF Datasheet HTML 2Page - Sensata Technologies, Inc. MCBC2425CF Datasheet HTML 3Page - Sensata Technologies, Inc. MCBC2425CF Datasheet HTML 4Page - Sensata Technologies, Inc. MCBC2425CF Datasheet HTML 5Page - Sensata Technologies, Inc. MCBC2425CF Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
Output Status Functions
Description
LED
Initial Logic Supply On
Flash Once
Load Voltage Missing / Load Open (w/control disabled)
Flash Once Intermittenly
Load Voltage Missing / Load Open (w/control enabled)
Flash Twice Intermittently
Analog Input < Threshold
Off
Analog Input < Threshold < Max.
Varying On/Off
Analog Input > Max.
On, Bright
Input (1)
Description
DC Control
DC Voltage Supply Range (VDC) [P1]
8-32
Input Current Range [mA] [P1]
28-30
Nominal Input Impedance [Ohm] [P3]
30K
Control Must Operate Voltage "On"[VDC][P3]
5-32
Control Must Release Voltage "Off" [VDC][P3]
0-4
Control Input Current [mA][P3]
0-1.25
PLV Range Option A [VDC][P4] (3)
0-5
PLV Range Option B [VDC][P4] (3)
0-7
PLV Range Option C [VDC][P4] (3)
0-10
PLV Range Option D [VDC][P4] (3)
4-20
Nominal Input Impedance Option A,B,C [Ohm][P4]
20K
Nominal Input Impedance Option D [Ohm][P4]
220
Output
Description
25 A
50 A
90 A
Maximum Load Current [Arms](4)
25
50
90
Minimum Load Current [Arms]
150
150
150
Maximum Surge Current (16.6 msec)[Apk]
250
625
1200
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.02
0.63
0.28
Maximum I² t for Fusing (8.3 msec) [A²sec]
260
1620
6000



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com