전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCBC2425DF 데이터시트(PDF) 5 Page - Sensata Technologies, Inc.

부품명 MCBC2425DF
상세설명  PROPORTIONAL CONTROL SOLID STATE RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSATA [Sensata Technologies, Inc.]
홈페이지  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MCBC2425DF 데이터시트(HTML) 5 Page - Sensata Technologies, Inc.

  MCBC2425DF Datasheet HTML 1Page - Sensata Technologies, Inc. MCBC2425DF Datasheet HTML 2Page - Sensata Technologies, Inc. MCBC2425DF Datasheet HTML 3Page - Sensata Technologies, Inc. MCBC2425DF Datasheet HTML 4Page - Sensata Technologies, Inc. MCBC2425DF Datasheet HTML 5Page - Sensata Technologies, Inc. MCBC2425DF Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
Series
MC
Product Type
BC: Burst Fire Control
Operating Voltage
12: 48-140 Vrms
24: 180-280 Vrms
48: 300-530 Vrms
Rated Load Current
25: 25 Amps
50: 50 Amps
90: 90 Amps
Analog Control Signal
A: 0-5 VDC
B: 0-7 VDC
C: 0-10 VDC
D: 4-20 mA
E: Internal Potentiometer
Time Base Period
F: 10 AC Cycles
L: 20 AC Cycles
ORDERING OPTIONS
Example : MCBC2425CF
MC
BC
24
25
C
F
AGENCY APPROVALS & CERTIFICATIONS
(1)
All parameters at 25°C unless otherwise specified.
(2)
Voltages are reference to GND (Ground = 0 VDC) P2
(3)
PLVI voltage can go up to max. supply voltage without damage
(4)
Heat sinking required, see derating curves
GENERAL NOTES
NOTE: Not all combinations are available.
Consult factory for information on the availability of a specific part number.
Required for valid part number
For options only and not required for valid part number
E116949



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com