전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCBC2425DF 데이터시트(PDF) 1 Page - Sensata Technologies, Inc.

부품명 MCBC2425DF
상세설명  PROPORTIONAL CONTROL SOLID STATE RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSATA [Sensata Technologies, Inc.]
홈페이지  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MCBC2425DF 데이터시트(HTML) 1 Page - Sensata Technologies, Inc.

  MCBC2425DF Datasheet HTML 1Page - Sensata Technologies, Inc. MCBC2425DF Datasheet HTML 2Page - Sensata Technologies, Inc. MCBC2425DF Datasheet HTML 3Page - Sensata Technologies, Inc. MCBC2425DF Datasheet HTML 4Page - Sensata Technologies, Inc. MCBC2425DF Datasheet HTML 5Page - Sensata Technologies, Inc. MCBC2425DF Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
| MCBC SERIES
PROPORTIONAL CONTROL SOLID STATE RELAYS
SPECIFICATIONS
Features
Output
• Microcontroller based burst fire control SSR
• Ratings from 25 A to 90 A @ 48-530 VAC
• Low-voltage, current, or potentiometer control
• Output status indicator
• Separate output enable / disable control
• Two time-base periods available
• For use with a wide range of resistive loads
Description
120 V
240 V
480 V
Operating Voltage (47-63 Hz) [Vrms]
48-140
180-280
300-530
Transient Overvoltage [Vpk]
400
600
1200
Maximum Off-State Leakage Current @
Rated Voltage [mArms]
5
7
12
Minimum Off-State dv/dt @ Maximum
Rated Voltage [V/µsec]
200
200
200
Description
25 A
50 A
90 A
40-140 VAC
MCBC1225
MCBC1250
MCBC1290
180-280 VAC
MCBC2425
MCBC2450
MCBC2490
300-530 VAC
MCBC4825
MCBC4850
MCBC4890
PRODUCT SELECTION


유사한 부품 번호 - MCBC2425DF

제조업체부품명데이터시트상세설명
logo
Crydom Inc.,
MCBC2425 CRYDOM-MCBC2425 Datasheet
941Kb / 6P
Microprocessor based burst-fire controller / SSR
MCBC2425A CRYDOM-MCBC2425A Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
MCBC2425B CRYDOM-MCBC2425B Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
MCBC2425C CRYDOM-MCBC2425C Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

유사한 설명 - MCBC2425DF

제조업체부품명데이터시트상세설명
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
logo
celduc-relais
SMCW6020 CELDUC-SMCW6020 Datasheet
1Mb / 16P
Solid State Relays For Motor Control
SMCW6080 CELDUC-SMCW6080 Datasheet
1Mb / 16P
Solid State Relays For Motor Control
SMCW6110 CELDUC-SMCW6110 Datasheet
1Mb / 16P
Solid State Relays For Motor Control
SMCW6150 CELDUC-SMCW6150 Datasheet
1Mb / 16P
Solid State Relays For Motor Control
SMCW6151 CELDUC-SMCW6151 Datasheet
1Mb / 16P
Solid State Relays For Motor Control
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com