전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13005CZ 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TS13005CZ
상세설명  High Voltage NPN Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13005CZ 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS13005CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13005CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13005CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13005CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13005CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS13005CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS13005
High Voltage NPN Transistor
2/6
Version: B07
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC =1mA, IB =0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
IC =10mA, IE =0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE =0.1mA, IC =0
BVEBO
9
--
--
V
Collector Cutoff Current
VCE =400V, IB=0
ICEO
--
--
250
uA
Collector Cutoff Current
VCB =700V, IE =0
ICBO
--
--
1
mA
Emitter Cutoff Current
VEB = 9V, IC =0
IEBO
--
--
1
mA
Collector-Emitter Saturation Voltage
IC=1A, IB =0.2A
IC=2A, IB =0.5A
IC=4A, IB =1A
VCE(SAT)1
VCE(SAT)2
VCE(SAT)3
--
--
--
--
--
--
0.5
0.6
1
V
Base-Emitter Saturation Voltage
IC=1A, IB =0.2A
IC=2A, IB =0.5A
VBE(SAT)1
VBE(SAT)2
--
--
--
--
1.2
1.6
V
DC Current Gain
VCE =5V, IC = 1A
VCE =5V, IC = 2A
hFE
15
8
--
--
32
40
Dynamic
Frequency
VCE =10V, IC =0.5A
fT
4
--
--
MHz
Output Capacitance
VCB =10V, f =0.1MHz
Cob
--
65
--
pF
Resistive Load
Turn On Time
tON
--
0.3
0.7
uS
Storage Time
tSTG
--
2.2
3
uS
Fall Time
VCC =125V, IC =2A,
IB1 =IB2=0.4A, tP =25uS
Duty Cycle ≤1%
tf
--
0.3
0.5
uS
Note: pulse test: pulse width ≤ 300uS, duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com