전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13005CZ 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS13005CZ
상세설명  High Voltage NPN Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13005CZ 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS13005CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13005CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13005CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13005CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13005CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS13005CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS13005
High Voltage NPN Transistor
1/6
Version: B07
TO-220
ITO-220
PRODUCT SUMMARY
BVCEO
400V
BVCBO
700V
IC
4A
VCE(SAT)
1V @ IC / IB = 4A / 1A
Features
●
High Voltage
●
High Speed Switching
Structure
●
Silicon Triple Diffused Type
●
NPN Silicon Transistor
Ordering Information
Part No.
Package
Packing
TS13005CZ C0
TO-220
50pcs / Tube
TS13005CI C0
ITO-220
50pcs / Tube
Block Diagram
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
700V
V
Collector-Emitter Voltage
VCEO
400V
V
Emitter-Base Voltage
VEBO
9
V
DC
4
Collector Current
Pulse
IC
8
A
DC
2
Base Current
Pulse
IB
4
A
TO-220
75
Total Power Dissipation
ITO-220
Ptot
30
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: Single Pulse. PW = 300uS, Duty ≤2%
Pin Definition:
1. Base
2. Collector
3. Emitter


유사한 부품 번호 - TS13005CZ

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS13005CZ TSC-TS13005CZ Datasheet
69Kb / 3P
High Voltage NPN Transistor
TS13005CZC0 TSC-TS13005CZC0 Datasheet
254Kb / 6P
High Voltage NPN Transistor
TS13005CZC0G TSC-TS13005CZC0G Datasheet
254Kb / 6P
High Voltage NPN Transistor
More results

유사한 설명 - TS13005CZ

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_12 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com