| 전자부품 데이터시트 검색엔진 |
|
LMP91200MT/NOPB 데이터시트(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMP91200MT/NOPB 데이터시트(HTML) 14 Page - Texas Instruments |
|
14 / 25 page ![]() LMP91200 + ± pH BUFFER VCM BUFFER VDD VOUT VOCM VREF GND VCMHI GUARD1 GUARD2 INP VCM 14 LMP91200 SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016 www.ti.com Product Folder Links: LMP91200 Submit Documentation Feedback Copyright © 2012–2016, Texas Instruments Incorporated 7.2 Functional Block Diagram 7.3 Feature Description 7.3.1 pH Buffer The pH Buffer is a unity gain buffer with a input bias current in the range of tens fA at room temperature. Its very low bias current introduces a negligible error in the measurement of the pH. The ph buffer is provided with 2 guard pins (GUARD1, GUARD2) in order to minimize the leakage of the input current and to make the design of a guard ring easy. 7.3.2 VCM Buffer Both buffered and unbuffered version of the common-mode voltage are available respectively at the VCM pin and VCMHI pin. A copy of the buffered version is present at VOCM pin in case of differential measurement. |