전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P6B-C2 데이터시트(PDF) 9 Page - Omron Electronics LLC

부품명 P6B-C2
상세설명  PCB Power Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P6B-C2 데이터시트(HTML) 9 Page - Omron Electronics LLC

Back Button P6B-C2 Datasheet HTML 4Page - Omron Electronics LLC P6B-C2 Datasheet HTML 5Page - Omron Electronics LLC P6B-C2 Datasheet HTML 6Page - Omron Electronics LLC P6B-C2 Datasheet HTML 7Page - Omron Electronics LLC P6B-C2 Datasheet HTML 8Page - Omron Electronics LLC P6B-C2 Datasheet HTML 9Page - Omron Electronics LLC P6B-C2 Datasheet HTML 10Page - Omron Electronics LLC P6B-C2 Datasheet HTML 11Page - Omron Electronics LLC P6B-C2 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
G6B
PCB Power Relay
G
6
B
1
6
34
Dimensions in pointed brackets < > are for the
Relay mounted to Socket.
* Average value
Note: Check carefully the
coil polarity of the Relay.
Note: The G6B-1177P-ND-US model has a flux-resistant
construction. Do not wash it down with water. Pay
attention to the polarity of the coil since the LED and
surge absorption diode are built-in.
0.9
0.85
10 max.
(9.9)*
15 max.
(14.8)*
0.5
7.62
0.9
3.2
0.3
0.65
3.5
20.2 max.
(20)*
10.16
7.62
LED
0.45
3.7
1.6
1.7
(0.8)
(1.0)
7.62
10 max.
(9.9)*
0.3
1.6
1.7
0.65
3.5
15 max.
(14.8)*
20.2 max.
(20)*
(1.2)
7.62
(1.11)
10.16
7.62
2.54
2.54
Four, 1.1-dia. holes
10.16
7.62
LED
0.45
3.7
0.5<0.4>
0.9<1.0>
0.9
<1.0>
0.85
<0.9>
* Average value
1-pole Single-side stable Models (SPST-NO (1a)) (Built-in high capacity operation indicator & surge absorption diode)
Straight PCB
G6B-1177P(-FD)-ND-US
PCB Mounting Holes
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
Self-clinching PCB
G6B-1177C(-FD)-ND-US
1
8
3
6
4
5
1
8
3
6
4
5
1
8
3
6
4
5
(1.7)
7.62
(1.11)
10.16
7.62
2.54
2.54
Six, 1.1-dia. holes
G6B-2114
G6B-2014
G6B-2214
11 max.
(10.9)*
11 max.
(10.9)*
0.3
7.62
0.8
3.2
20 max.
(19.9)*
10.16
7.62
3.5
(0.8)
(1.0)
Dimensions in pointed brackets < > are for the
Relay mounted to Socket.
0.4<0.3>
7.62
0.9<0.8>
11 max.
(10.9)*
* Average value
10.16
7.62
3.5
* Average value
11 max.
(10.9)*
20 max.
(19.9)*
Note: Check carefully the coil
polarity of the Relay. Polarity in
the parenthesis is the models
for reverse coil polarity.
2-poles Single-side stable Models (SPST-NO (1a) + SPST-NC (1b), DPST-NO (2a), DPST-NC(2b))
Straight PCB
G6B-2114P(-FD)(-1)-US
G6B-2214P(-FD)(-1)-US
G6B-2014P(-FD)-US
PCB Mounting Holes
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
Self-clinching PCB
G6B-2114C(-FD)-US
G6B-2214C(-FD)-US
G6B-2014C(-FD)-US



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com