전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P6B-C2 데이터시트(PDF) 3 Page - Omron Electronics LLC

부품명 P6B-C2
상세설명  PCB Power Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P6B-C2 데이터시트(HTML) 3 Page - Omron Electronics LLC

  P6B-C2 Datasheet HTML 1Page - Omron Electronics LLC P6B-C2 Datasheet HTML 2Page - Omron Electronics LLC P6B-C2 Datasheet HTML 3Page - Omron Electronics LLC P6B-C2 Datasheet HTML 4Page - Omron Electronics LLC P6B-C2 Datasheet HTML 5Page - Omron Electronics LLC P6B-C2 Datasheet HTML 6Page - Omron Electronics LLC P6B-C2 Datasheet HTML 7Page - Omron Electronics LLC P6B-C2 Datasheet HTML 8Page - Omron Electronics LLC P6B-C2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
G6B
PCB Power Relay
G
6
B
●Models for Ultrasonically Cleanable
Note: When ordering, add the rated coil voltage to the model number.
Example: G6B-1114P-US DC5
However, the notation of the coil voltage on the product case as well as on the packing will be marked as
@@ VDC.
●Connecting Sockets (Sold Separately)
Note 1. G6B-1174P-US-P6B and G6B-1177P-ND-US-P6B are rated for 8 A when mounted on a PCB. However,
when used with the P6B-04P socket models, the allowable current is derated to 5 A.
2.The P6B sockets are designed to be used with G6B-
@@@@P(-FD)-US-P6B relays. Only use G6B relays
that include "-P6B" in their model numbers with the sockets. Do not use standard G6B's that omit "-P6B"
from their model numbers with the sockets.
3.The hold-down clips of the P6B-C2 model are not suitable for the G6B-1174P and G6B-1177P models
since they have different heights.
4.Products with UL/CSA certification marks will be supplied for orders of standard models.
Number
of poles
Contact material
Standard (Ag-alloy (Cd free))
AgSnIn contact
Minimum
packing unit
Relay Function
Contact form
Terminals
Model
Rated coil voltage
Model
Rated coil voltage
1-pole
Single-side
stable
SPST-NO (1a)
(Standard)
Straight PCB G6B-1114P-US-U
5, 6, 12, 24 VDC G6B-1114P-FD-US-U
6, 12, 24 VDC
100
pcs/tray
Self-clinching
PCB
G6B-1114C-US-U
5, 12, 24 VDC
---
---
Single-winding
latching
SPST-NO (1a)
(Standard)
Straight PCB G6BU-1114P-US-U
24 VDC
---
---
Self-clinching
PCB
---
---
---
---
Double-winding
latching
SPST-NO (1a)
(Standard)
Straight PCB G6BK-1114P-US-U
5, 6, 12, 24 VDC G6BK-1114P-FD-US-U 12, 24 VDC
Self-clinching
PCB
G6BK-1114C-US-U
24 VDC
---
---
2-pole
Single-side
stable
SPST-NO (1a)+
SPST-NC (1b)
(Standard)
Straight PCB G6B-2114P-US-U
5, 12, 24 VDC
G6B-2114P-FD-US-U
5, 12, 24 VDC
Self-clinching
PCB
---
---
---
---
DPST-NO (2a)
(Standard)
Straight PCB G6B-2214P-US-U
5, 6, 12, 24 VDC G6B-2214P-FD-US-U
5, 12, 24 VDC
Self-clinching
PCB
G6B-2214C-US-U
12, 24 VDC
---
---
DPST-NC (2b)
(Standard)
Straight PCB G6B-2014P-US-U
5, 12, 24 VDC
G6B-2014P-FD-US-U
5, 12, 24 VDC
Self-clinching
PCB
---
---
---
---
Applicable relay
Model
Minimum ordering unit
G6B-1114P(-FD)-US-P6B
G6B-1174P(-FD)-US-P6B
G6B-1177P(-FD)-ND-US-P6B
G6BU-1114P-US-P6B
P6B-04P
20 pcs
G6BK-1114P-US-P6B
P6B-06P
G6B-2114P-US-P6B
G6B-2214P-US-P6B
G6B-2014P-US-P6B
P6B-26P
Removal Tool
P6B-Y1
1 pcs
Hold-down Clips
P6B-C2
Rated coil voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com