전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF85063TP 데이터시트(PDF) 29 Page - NXP Semiconductors

부품명 PCF85063TP
상세설명  Tiny Real-Time Clock/calendar
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063TP 데이터시트(HTML) 29 Page - NXP Semiconductors

Back Button PCF85063TP Datasheet HTML 25Page - NXP Semiconductors PCF85063TP Datasheet HTML 26Page - NXP Semiconductors PCF85063TP Datasheet HTML 27Page - NXP Semiconductors PCF85063TP Datasheet HTML 28Page - NXP Semiconductors PCF85063TP Datasheet HTML 29Page - NXP Semiconductors PCF85063TP Datasheet HTML 30Page - NXP Semiconductors PCF85063TP Datasheet HTML 31Page - NXP Semiconductors PCF85063TP Datasheet HTML 32Page - NXP Semiconductors PCF85063TP Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
PCF85063TP
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 6 May 2015
29 of 52
NXP Semiconductors
PCF85063TP
Tiny Real-Time Clock/calendar
13. Characteristics
Table 31.
Static characteristics
VDD = 0.9 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; fosc = 32.768 kHz; quartz Rs =60 k; CL = 7 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
interface inactive;
fSCL =0Hz
[1] 0.9-
5.5V
interface active;
fSCL = 400 kHz
[1] 1.8-
5.5V
IDD
supply current
VDD =3.3 V
[2]
interface inactive;
fSCL =0Hz
Tamb =25 C
-
220
450
nA
Tamb =50 C
[3] -
250
500
nA
Tamb =85 C
-
470
600
nA
interface active;
fSCL = 400 kHz
-18
50
A
Inputs[4]
VI
input voltage
VSS
-5.5
V
VIL
LOW-level input voltage
VSS
-0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-VDD
V
ILI
input leakage current
VI = VSS or VDD
-0
-
A
post ESD event
0.15
-
+0.15
A
Ci
input capacitance
[5] --
7
pF
Outputs
VOH
HIGH-level output voltage
on pin CLKOUT
0.8VDD
-VDD
V
VOL
LOW-level output voltage
on pins SDA, INT,
CLKOUT
VSS
-0.2VDD
V
IOH
HIGH-level output current
output source current;
VOH = 2.9 V;
VDD = 3.3 V;
on pin CLKOUT
13
-
mA
IOL
LOW-level output current
output sink current;
VOL =0.4 V;
VDD =3.3 V
on pin SDA
3
8.5
-
mA
on pin INT
26
-
mA
on pin CLKOUT
1
3
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com