전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF85063TP 데이터시트(PDF) 51 Page - NXP Semiconductors

부품명 PCF85063TP
상세설명  Tiny Real-Time Clock/calendar
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063TP 데이터시트(HTML) 51 Page - NXP Semiconductors

Back Button PCF85063TP Datasheet HTML 44Page - NXP Semiconductors PCF85063TP Datasheet HTML 45Page - NXP Semiconductors PCF85063TP Datasheet HTML 46Page - NXP Semiconductors PCF85063TP Datasheet HTML 47Page - NXP Semiconductors PCF85063TP Datasheet HTML 48Page - NXP Semiconductors PCF85063TP Datasheet HTML 49Page - NXP Semiconductors PCF85063TP Datasheet HTML 50Page - NXP Semiconductors PCF85063TP Datasheet HTML 51Page - NXP Semiconductors PCF85063TP Datasheet HTML 52Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
PCF85063TP
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 6 May 2015
51 of 52
NXP Semiconductors
PCF85063TP
Tiny Real-Time Clock/calendar
27. Figures
Fig 1.
Block diagram of PCF85063TP . . . . . . . . . . . . . . .2
Fig 2.
Pin configuration for HWSON8 (PCF85063TP) . . .3
Fig 3.
Handling address registers . . . . . . . . . . . . . . . . . .4
Fig 4.
STOP bit functional diagram . . . . . . . . . . . . . . . . .8
Fig 5.
STOP bit release timing . . . . . . . . . . . . . . . . . . . . .9
Fig 6.
Software reset command . . . . . . . . . . . . . . . . . . .10
Fig 7.
INT example for MI . . . . . . . . . . . . . . . . . . . . . . . 11
Fig 8.
Offset calibration calculation workflow . . . . . . . . .16
Fig 9.
Result of offset calibration . . . . . . . . . . . . . . . . . .17
Fig 10. OS flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18
Fig 11. Data flow for the time function . . . . . . . . . . . . . . .21
Fig 12. Access time for read/write operations . . . . . . . . .22
Fig 13. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 14. Definition of START and STOP conditions. . . . . .23
Fig 15. System configuration . . . . . . . . . . . . . . . . . . . . . .24
Fig 16. Acknowledgement on the I2C-bus . . . . . . . . . . . .24
Fig 17. Master transmits to slave receiver
(WRITE mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .25
Fig 18. Master reads after setting register address
(WRITE register address; READ data) . . . . . . . .26
Fig 19. Device diode protection diagram of
PCF85063TP . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Fig 20. Typical IDD with respect to fSCL . . . . . . . . . . . . . .30
Fig 21. Typical IDD as a function of temperature . . . . . . .31
Fig 22. Typical IDD with respect to VDD . . . . . . . . . . . . . .32
Fig 23. IDD with respect to quartz RS . . . . . . . . . . . . . . . .33
Fig 24. Oscillator frequency variation with respect
to VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
Fig 25. I2C-bus timing diagram; rise and fall times
refer to 30 % and 70 % . . . . . . . . . . . . . . . . . . . .35
Fig 26. Application diagram for PCF85063TP . . . . . . . . .36
Fig 27. Package outline SOT1069-2 (HWSON8) of
PCF85063TP . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
Fig 28. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .41
Fig 29. Footprint information for reflow soldering of
SOT1069-2 (HWSON8) of PCF85063TP . . . . . .42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com